Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1S5009DA4 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 17Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 18Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 19Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 20Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 21Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
18 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
10.4 ATQA and SAK responses
For details on the type identification procedure please refer to Ref. 2.
The MF1S5009 answers to a REQA or WUPA command with the ATQA value shown in
Table 10 and to a Select CL1 command with the SAK value shown in Table 11.
Table 10.
ATQA response of the MF1S5009
Bit Number
Response
Hex Value
16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
ATQA
00 44h
00
000
000
0100
010
0
Table 11.
SAK response of the MF1S5009
Bit Number
Response
Hex Value
8
7
6
5
4
3
2
1
SAK
08h
00
00
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com