| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 500 page ![]() M68HC16 Z SERIES CENTRAL PROCESSOR UNIT USER’S MANUAL 4-5 SM — Saturate Mode Bit When SM is set and either EV or MV is set, data read from AM using TMER or TMET is given maximum positive or negative value, depending on the state of the AM sign bit before overflow. PK[3:0] — Program Counter Address Extension Field This field is concatenated with the program counter to form a 20-bit address. 4.2.6 Address Extension Register and Address Extension Fields There are six 4-bit address extension fields. EK, XK, YK, and ZK are contained by the address extension register (K), PK is part of the CCR, and SK stands alone. Extension fields are the bank portions of 20-bit concatenated bank:byte addresses used in the CPU16 linear memory management scheme. All extension fields except EK correspond directly to a register. XK, YK, and ZK extend registers IX, IY, and IZ. PK extends the PC; and SK extends the SP. EK holds the four MSB of the 20-bit address used by the extended addressing mode. 4.2.7 Multiply and Accumulate Registers The multiply and accumulate (MAC) registers are part of a CPU submodule that per- forms repetitive signed fractional multiplication and stores the cumulative result. These operations are part of control-oriented digital signal processing. There are four MAC registers. Register H contains the 16-bit signed fractional multipli- er. Register I contains the 16-bit signed fractional multiplicand. Accumulator M is a specialized 36-bit product accumulation register. XMSK and YMSK contain 8-bit mask values used in modulo addressing. The CPU16 has a special subset of signal processing instructions that manipulate the MAC registers and perform signal processing calculations. 4.3 Memory Management The CPU16 provides a 1-Mbyte address space. There are 16 banks within the address space. Each bank is made up of 64 Kbytes addressed from $0000 to $FFFF. Banks are selected by means of the address extension fields associated with individual CPU16 registers. In addition, address space can be split into discrete 1-Mbyte program and data spaces by externally decoding the MCU’s function code outputs. When this technique is used, instruction fetches and reset vector fetches access program space, while exception vector fetches (other than for reset), data accesses, and stack accesses are made in data space. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |