| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 500 page ![]() CENTRAL PROCESSING UNIT M68HC16 Z SERIES 4-30 USER’S MANUAL Table 4-3 Instruction Set Abbreviations and Symbols A — Accumulator A X — Register used in operation AM — Accumulator M M — Address of one memory byte B — Accumulator B M +1 — Address of byte at M + $0001 CCR — Condition code register M : M + 1 — Address of one memory word D — Accumulator D ( …)X — Contents of address pointed to by IX E — Accumulator E ( ...)Y — Contents of address pointed to by IY EK — Extended addressing extension field ( ...)Z — Contents of address pointed to by IZ IR — MAC multiplicand register E, X — IX with E offset HR — MAC multiplier register E, Y — IY with E offset IX — Index register X E, Z — IZ with E offset IY — Index register Y EXT — Extended IZ — Index register Z EXT20 — 20-bit extended K — Address extension register IMM8 — 8-bit immediate PC — Program counter IMM16 — 16-bit immediate PK — Program counter extension field IND8, X — IX with unsigned 8-bit offset SK — Stack pointer extension field IND8, Y — IY with unsigned 8-bit offset SL — Multiply and accumulate sign latch IND8, Z — IZ with unsigned 8-bit offset SP — Stack pointer IND16, X — IX with signed 16-bit offset XK — Index register X extension field IND16, Y — IY with signed 16-bit offset YK — Index register Y extension field IND16, Z — IZ with signed 16-bit offset ZK — Index register Z extension field IND20, X — IX with signed 20-bit offset XMSK — Modulo addressing index register X mask IND20, Y — IY with signed 20-bit offset YMSK — Modulo addressing index register Y mask IND20, Z — IZ with signed 20-bit offset S — Stop disable control bit INH — Inherent MV — AM overflow indicator IXP — Post-modified indexed H — Half carry indicator REL8 — 8-bit relative EV — AM extended overflow indicator REL16 — 16-bit relative N — Negative indicator b — 4-bit address extension Z — Zero indicator ff — 8-bit unsigned offset V — Two’s complement overflow indicator gggg — 16-bit signed offset C — Carry/borrow indicator hh — High byte of 16-bit extended address IP — Interrupt priority field ii — 8-bit immediate data SM — Saturation mode control bit jj — High byte of 16-bit immediate data PK — Program counter extension field kk — Low byte of 16-bit immediate data — — Bit not affected ll — Low byte of 16-bit extended address ∆ — Bit changes as specified mm — 8-bit mask 0 — Bit cleared mmmm — 16-bit mask 1 — Bit set rr — 8-bit unsigned relative offset M — Memory location used in operation rrrr — 16-bit signed relative offset R — Result of operation xo — MAC index register X offset S — Source data yo — MAC index register Y offset z — 4-bit zero extension + — Addition • — AND − — Subtraction or negation (two’s complement) ' — Inclusive OR (OR) ∗ — Multiplication ⊕ — Exclusive OR (EOR) / — Division NOT — Complementation > — Greater : — Concatenation < — Less ⇒ — Transferred = — Equal ⇔ — Exchanged ≥ — Equal or greater ± — Sign bit; also used to show tolerance ≤ — Equal or less « — Sign extension ≠ — Not equal % — Binary value $ — Hexadecimal value Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |