| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 500 page ![]() CENTRAL PROCESSING UNIT M68HC16 Z SERIES 4-40 USER’S MANUAL 4.13.5 Multiple Exceptions Each exception has a hardware priority based upon its relative importance to system operation. Asynchronous exceptions have higher priorities than synchronous excep- tions. Exception processing for multiple exceptions is completed by priority, from high- est to lowest. Priority governs the order in which exception processing occurs, not the order in which exception handlers are executed. Unless a bus error, a breakpoint, or a reset occurs during exception processing, the first instruction of all exception handler routines is guaranteed to execute before an- other exception is processed. Because interrupt exceptions have higher priority than synchronous exceptions, the first instruction in an interrupt handler is executed before other interrupts are sensed. Bus error, breakpoint, and reset exceptions that occur during exception processing of a previous exception are processed before the first instruction of that exception’s han- dler routine. The converse is not true. If an interrupt occurs during bus error exception processing, for example, the first instruction of the exception handler is executed be- fore interrupts are sensed. This permits the exception handler to mask interrupts dur- ing execution. Refer to SECTION 5 SYSTEM INTEGRATION MODULE for detailed information con- cerning interrupts and system reset. For information concerning processing of specific exceptions, refer to the CPU16 Reference Manual (CPU16RM/AD). 4.13.6 RTI Instruction The return-from-interrupt instruction (RTI) must be the last instruction in all exception handlers except the RESET handler. RTI pulls the exception stack frame that was pushed onto the system stack during exception processing, and restores processor state. Normal program flow resumes at the address of the instruction that follows the last instruction executed before exception processing began. RTI is not used in the RESET handler because RESET initializes the stack pointer and does not create a stack frame. 4.14 Development Support The CPU16 incorporates powerful tools for tracking program execution and for system debugging. These tools are deterministic opcode tracking, breakpoint exceptions, and background debug mode. Judicious use of CPU16 capabilities permits in-circuit emu- lation and system debugging using a bus state analyzer, a simple serial interface, and a terminal. 4.14.1 Deterministic Opcode Tracking The CPU16 has two multiplexed outputs, IPIPE0 and IPIPE1, that enable external hardware to monitor the instruction pipeline during normal program execution. The sig- nals IPIPE0 and IPIPE1 can be demultiplexed into six pipeline state signals that allow a state analyzer to synchronize with instruction stream activity. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |