| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc |
|
66 / 500 page ![]() CENTRAL PROCESSOR UNIT M68HC16 Z SERIES 4-6 USER’S MANUAL 4.3.1 Address Extension All CPU16 resources used to generate addresses are effectively 20 bits wide. These resources include the index registers, program counter, and stack pointer. All address- ing modes use 20-bit addresses. Twenty-bit addresses are formed from a 16-bit byte address generated by an individ- ual CPU16 register and a 4-bit address extension contained in an associated exten- sion field. The byte address corresponds to ADDR[15:0] and the address extension corresponds to ADDR[19:16]. 4.3.2 Extension Fields Each of the six address extension fields is used for a different type of access. All but EK are associated with particular CPU16 registers. There are several ways to manip- ulate extension fields and the address map. Refer to the CPU16 Reference Manual (CPU16RM/AD) for detailed information. 4.4 Data Types The CPU16 uses the following types of data: • Bits • 4-bit signed integers • 8-bit (byte) signed and unsigned integers • 8-bit, 2-digit binary coded decimal (BCD) numbers • 16-bit (word) signed and unsigned integers • 32-bit (long word) signed and unsigned integers • 16-bit signed fractions • 32-bit signed fractions • 36-bit signed fixed-point numbers • 20-bit effective addresses There are eight bits in a byte and 16 bits in a word. Bit set and clear instructions use both byte and word operands. Bit test instructions use byte operands. Negative integers are represented in two’s complement form. Four-bit signed integers, packed two to a byte, are used only as X and Y offsets in MAC and RMAC operations. 32-bit integers are used only by extended multiply and divide instructions, and by the associated LDED and STED instructions. BCD numbers are packed, two digits per byte. BCD operations use byte operands. Signed 16-bit fractions are used by the fractional multiplication instructions, and as multiplicand and multiplier operands in the MAC unit. Bit 15 is the sign bit, and there is an implied radix point between bits 15 and 14. There are 15 bits of magnitude. The range of values is –1 ($8000) to 1 – 2-15 ($7FFF). Signed 32-bit fractions are used only by the fractional multiplication and division in- structions. Bit 31 is the sign bit. An implied radix point lies between bits 31 and 30. There are 31 bits of magnitude. The range of values is –1 ($80000000) to 1 – 2-31 ($7FFFFFFF). Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |