| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 500 page ![]() M68HC16 Z SERIES CENTRAL PROCESSING UNIT USER’S MANUAL 4-37 Total execution time is calculated using the expression: Where: (CLT) = Total clock periods per instruction (CLI) = Clock periods used for internal operation (CLP) = Clock periods used for program access (CLO) = Clock periods used for operand access Refer to the CPU16 Reference Manual (CPU16RM/AD) for more information on this topic. 4.13 Exceptions An exception is an event that preempts normal instruction processing. Exception pro- cessing makes the transition from normal instruction execution to execution of a rou- tine that deals with the exception. Each exception has an assigned vector that points to an associated handler routine. Exception processing includes all operations required to transfer control to a handler routine, but does not include execution of the handler routine itself. Keep the distinc- tion between exception processing and execution of an exception handler in mind while reading this section. 4.13.1 Exception Vectors An exception vector is the address of a routine that handles an exception. Exception vectors are contained in a data structure called the exception vector table, which is lo- cated in the first 512 bytes of bank 0. Refer to Table 4-5 for the exception vector table. All vectors except the reset vector consist of one word and reside in data space. The reset vector consists of four words that reside in program space. Refer to SECTION 5 SYSTEM INTEGRATION MODULE for information concerning address space types and the function code outputs. There are 52 predefined or reserved vectors, and 200 user-defined vectors. Each vector is assigned an 8-bit number. Vector numbers for some exceptions are generated by external devices; others are supplied by the processor. There is a direct mapping of vector number to vector table address. The processor left shifts the vector number one place (multiplies by two) to convert it to an address. CL T () CL P () CL O () CL I () ++ = Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |