| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 500 page ![]() CENTRAL PROCESSOR UNIT M68HC16 Z SERIES 4-10 USER’S MANUAL 4.6.2 Extended Addressing Modes Regular extended mode instructions contain ADDR[15:0] in the word following the op- code. The effective address is formed by concatenating the EK field and the 16-bit byte address. EXT20 mode is used only by the JMP and JSR instructions. These instruc- tions contain a 20-bit effective address that is zero-extended to 24 bits to give the in- struction an even number of bytes. 4.6.3 Indexed Addressing Modes In the indexed modes, registers IX, IY, and IZ, together with their associated extension fields, are used to calculate the effective address. For 8-bit indexed modes an 8-bit unsigned offset contained in the instruction is added to the value contained in an index register and its extension field. For 16-bit modes, a 16-bit signed offset contained in the instruction is added to the val- ue contained in an index register and its extension field. For 20-bit modes, a 20-bit signed offset (zero-extended to 24 bits) is added to the val- ue contained in an index register. These modes are used for JMP and JSR instructions only. 4.6.4 Inherent Addressing Mode Inherent mode instructions use information directly available to the processor to deter- mine the effective address. Operands, if any, are system resources and are thus not fetched from memory. 4.6.5 Accumulator Offset Addressing Mode Accumulator offset modes form an effective address by sign-extending the content of accumulator E to 20 bits, then adding the result to an index register and its associated extension field. This mode allows use of an index register and an accumulator within a loop without corrupting accumulator D. 4.6.6 Relative Addressing Modes Relative modes are used for branch and long branch instructions. If a branch condition is satisfied, a byte or word signed two’s complement offset is added to the concatenat- ed PK field and program counter. The new PK : PC value is the effective address. 4.6.7 Post-Modified Index Addressing Mode Post-modified index mode is used by the MOVB and MOVW instructions. A signed 8- bit offset is added to index register X after the effective address formed by XK : IX is used. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |