Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMCK16Z4MPV16 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-35
Figure 4-5 Instruction Execution Model
4.10.1 Microsequencer
The microsequencer controls the order in which instructions are fetched, advanced
through the pipeline, and executed. It increments the program counter and generates
multiplexed external tracking signals IPIPE0 and IPIPE1 from internal signals that con-
trol execution sequence.
4.10.2 Instruction Pipeline
The pipeline is a three stage FIFO that holds instructions while they are decoded and
executed. Depending upon instruction size, as many as three instructions can be in
the pipeline at one time (single-word instructions, one held in stage C, one being exe-
cuted in stage B, and one latched in stage A).
4.10.3 Execution Unit
The execution unit evaluates opcodes, interfaces with the microsequencer to advance
instructions through the pipeline, and performs instruction operations.
A
B
C
MICROSEQUENCER
EXECUTION UNIT
DATA
BUS
INSTRUCTION PIPELINE
IPIPE0
IPIPE1
16 EXEC UNIT MODEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com