| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV20 Datasheet(PDF) 384 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Datasheet(HTML) 384 Page - Freescale Semiconductor, Inc |
|
384 / 500 page ![]() REGISTER SUMMARY M68HC16 Z SERIES D-10 USER’S MANUAL NOTE When changing a port E pin from an output to an input, the pin will drive high for approximately four milliseconds. This ensures that the shared bus control signal will be in a negated state before the pin be- comes an input. D.2.8 Port E Pin Assignment Register This register determines the function of port E pins. Setting a bit assigns the corre- sponding pin to a bus control signal; clearing a bit assigns the pin to I/O port E. PE3 is not connected to a pin. PEPA3 can be read and written, but has no function. Bits [15:8] are unimplemented and will always read zero. Table D-4 displays port E pin assignments. D.2.9 Port F Data Register This register can be accessed in two locations and can be read or written at any time. A write to this register is stored in an internal data latch, and if any pin in the corre- PEPAR — Port E Pin Assignment $YFFA16 15 8 7 6 5 4 3 2 1 0 NOT USED PEPA7 PEPA6 PEPA5 PEPA4 PEPA3 PEPA2 PEPA1 PEPA0 RESET: DATA8 DATA8 DATA8 DATA8 DATA8 DATA8 DATA8 DATA8 Table D-4 Port E Pin Assignments PEPAR Bit Port E Signal Bus Control Signal PEPA7 PE7 SIZ1 PEPA6 PE6 SIZ0 PEPA5 PE5 AS PEPA4 PE4 DS PEPA3 PE3 —1 NOTES: 1. The CPU16 does not support the RMC function for this pin. This bit is not connected to a pin for I/O usage. PEPA2 PE2 AVEC PEPA1 PE1 DSACK1 PEPA0 PE0 DSACK0 PORTF0 — Port F Data Register 0 $YFFA18 PORTF1 — Port F Data Register 1 $YFFA1A 15 8 7 6 5 4 3 2 1 0 NOT USED PF7 PF6 PF5 PF4 PF3 PF2 PF1 PF0 RESET: U U U U U U U U Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |