| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV20 Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc |
|
145 / 500 page ![]() M68HC16 Z SERIES SYSTEM INTEGRATION MODULE USER’S MANUAL 5-39 Figure 5-13 Write Cycle Flowchart 5.6.3 Fast Termination Cycles When an external device can meet fast access timing, an internal chip-select circuit fast termination option can provide a two-cycle external bus transfer. Because the chip-select circuits are driven from the system clock, the bus cycle termination is in- herently synchronized with the system clock. If multiple chip-selects are to be used to provide control signals to a single device and match conditions occur simultaneously, all MODE, STRB, and associated DSACK fields must be programmed to the same value. This prevents a conflict on the internal bus when the wait states are loaded into the DSACK counter shared by all chip-se- lects. WR CYC FLOW MCU PERIPHERAL ADDRESS DEVICE (S0) 1) DECODE ADDRESS 2) LATCH DATA FROM DATA BUS ACCEPT DATA (S2 + S3) 3) ASSERT DSACK SIGNALS TERMINATE CYCLE NEGATE DSACK 1) SET R/W TO WRITE 2) DRIVE ADDRESS ON ADDR[23:0] 3) DRIVE FUNCTION CODE ON FC[2:0] 4) DRIVE SIZ[1:0] FOR OPERAND SIZE 1) NEGATE DS AND AS 2) REMOVE DATA FROM DATA BUS TERMINATE OUTPUT TRANSFER (S5) START NEXT CYCLE ASSERT AS (S1) PLACE DATA ON DATA[15:0] (S2) ASSERT DS AND WAIT FOR DSACK (S3) OPTIONAL STATE (S4) NO CHANGE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |