Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 149Page - Microchip Technology PIC18LF4331 Datasheet HTML 150Page - Microchip Technology PIC18LF4331 Datasheet HTML 151Page - Microchip Technology PIC18LF4331 Datasheet HTML 152Page - Microchip Technology PIC18LF4331 Datasheet HTML 153Page - Microchip Technology PIC18LF4331 Datasheet HTML 154Page - Microchip Technology PIC18LF4331 Datasheet HTML 155Page - Microchip Technology PIC18LF4331 Datasheet HTML 156Page - Microchip Technology PIC18LF4331 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 153
PIC18F2331/2431/4331/4431
17.1
Input Capture
The Input Capture (IC) submodule implements the
following features:
• Three channels of independent input capture
(16-bits/channel) on the CAP1, CAP2 and CAP3
pins
• Edge-Trigger, Period or Pulse-Width
Measurement Operating modes for each channel
• Programmable prescaler on every input capture
channel
• Special Event Trigger output (IC1 only)
• Selectable noise filters on each capture input
Input Channel 1 (IC1) includes a Special Event
Trigger that can be configured for use in Velocity
Measurement mode. Its block diagram is shown in
Figure 17-2. IC2 and IC3 are similar, but lack the
Special Event Trigger features or additional velocity
measurement logic. A representative block diagram is
shown in Figure 17-3. Please note that the time base
is Timer5.
FIGURE 17-2:
INPUT CAPTURE BLOCK DIAGRAM FOR IC1
CAP1BUF/VELR(1)
CAP1 Pin
CAP1M<3:0> Q Clocks
3
4
FLTCK<2:0>
VELM
TMR5
Timer5 Reset
Timer
Reset
Control
Clock
Q Clocks
CAP1M<3:0>
MUX
First Event
CAP1BUF_clk
Reset
1
0
IC1_TR
Timer5 Logic
Reset
Control
Reset
velcap(2)
Clock/
Reset/
Interrupt
Decode
Logic
Special
Event Trigger
Reset
IC1IF
Note 1:
CAP1BUF register is reconfigured as VELR register when QEI mode is active.
2:
QEI generated velocity pulses, vel_out, are downsampled to produce this velocity capture signal.
Prescaler
1, 4, 16
Noise
Filter
and
Mode
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com