Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 158Page - Microchip Technology PIC18LF4331 Datasheet HTML 159Page - Microchip Technology PIC18LF4331 Datasheet HTML 160Page - Microchip Technology PIC18LF4331 Datasheet HTML 161Page - Microchip Technology PIC18LF4331 Datasheet HTML 162Page - Microchip Technology PIC18LF4331 Datasheet HTML 163Page - Microchip Technology PIC18LF4331 Datasheet HTML 164Page - Microchip Technology PIC18LF4331 Datasheet HTML 165Page - Microchip Technology PIC18LF4331 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 162
 2010 Microchip Technology Inc.
17.2.1
QEI CONFIGURATION
The QEI module shares its input pins with the Input
Capture (IC) module. The inputs are mutually
exclusive; only the IC module or the QEI module (but
not both) can be enabled at one time. Also, because
the IC and QEI are multiplexed to the same input pins,
the programmable noise filters can be dedicated to one
module only.
The operation of the QEI is controlled by the QEICON
Configuration register (see Register 17-2).
Note:
In the event that both QEI and IC are
enabled, QEI will take precedence and IC
will remain disabled.
REGISTER 17-2:
QEICON: QUADRATURE ENCODER INTERFACE CONTROL REGISTER
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VELM
QERR(1)
UP/DOWN
QEIM2(2,3)
QEIM1(2,3)
QEIM0(2,3)
PDEC1
PDEC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VELM:
Velocity Mode bit
1
= Velocity mode disabled
0
= Velocity mode enabled
bit 6
QERR:
QEI Error bit(1)
1
= Position counter overflow or underflow(4)
0
= No overflow or underflow
bit 5
UP/DOWN:
Direction of Rotation Status bit
1
=Forward
0
= Reverse
bit 4-2
QEIM<2:0>:
QEI Mode bits(2,3)
111
= Unused
110
= QEI enabled in 4x Update mode; position counter is reset on period match (POSCNT = MAXCNT)
101
= QEI enabled in 4x Update mode; INDX resets the position counter
100
= Unused
010
= QEI enabled in 2x Update mode; position counter is reset on period match (POSCNT = MAXCNT)
001
= QEI enabled in 2x Update mode; INDX resets the position counter
000
= QEI off
bit 1-0
PDEC<1:0>:
Velocity Pulse Reduction Ratio bits
11
= 1:64
10
= 1:16
01
= 1:4
00
= 1:1
Note 1:
QEI must be enabled and in Index mode.
2:
QEI mode select must be cleared (= 000) to enable CAP1, CAP2 or CAP3 inputs. If QEI and IC modules
are both enabled, QEI will take precedence.
3:
Enabling one of the QEI operating modes remaps the IC Buffer registers, CAP1BUFH, CAP1BUFL,
CAP2BUFH, CAP2BUFL, CAP3BUFH and CAP3BUFL, as the VELRH, VELRL, POSCNTH, POSCNTL,
MAXCNTH and MAXCNTL registers (respectively) for the QEI.
4:
The QERR bit must be cleared in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com