Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 162Page - Microchip Technology PIC18LF4331 Datasheet HTML 163Page - Microchip Technology PIC18LF4331 Datasheet HTML 164Page - Microchip Technology PIC18LF4331 Datasheet HTML 165Page - Microchip Technology PIC18LF4331 Datasheet HTML 166Page - Microchip Technology PIC18LF4331 Datasheet HTML 167Page - Microchip Technology PIC18LF4331 Datasheet HTML 168Page - Microchip Technology PIC18LF4331 Datasheet HTML 169Page - Microchip Technology PIC18LF4331 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 166
 2010 Microchip Technology Inc.
FIGURE 17-11:
QEI MODULE RESET TIMING WITH THE INDEX INPUT
QEB
QEA
UP/DOWN
IC2QEIF
POSCNT(1)
Count (+/-)
+1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1
-1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1
MAXCNT
MAXCNT = 1527
Q4(3)
INDX
Q1(4)
Q1(5)
Position
Counter Load
Forward
Reverse
Note 2
Note 2
Note 1:
POSCNT register is shown in QEI x4 Update mode (POSCNT increments on every rising and every falling edge of
QEA and QEB input signals).
2:
When an INDX Reset pulse is detected, POSCNT is reset to ‘0’ on the next QEA or QEB edge. POSCNT is set to
MAXCNT when POSCNT = 0 (when decrementing), which occurs on the next QEA or QEB edge. a similar Reset
sequence occurs for the reverse direction, except that the INDX signal is recognized on its falling edge. The Reset
is generated on the next QEA or QEB edge.
3:
IC2QEIF is enabled for one TCY clock cycle.
4:
The position counter is loaded with 0000h (i.e., Reset) on the next QEA or QEB edge when the INDX is high.
5:
The position counter is loaded with a MAXCNT value (e.g., 1527h) on the next QEA or QEB edge following the
INDX falling edge input signal detect).
6:
IC2QEIF must be cleared in software.
Note 6
Q4(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com