Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 190Page - Microchip Technology PIC18LF4331 Datasheet HTML 191Page - Microchip Technology PIC18LF4331 Datasheet HTML 192Page - Microchip Technology PIC18LF4331 Datasheet HTML 193Page - Microchip Technology PIC18LF4331 Datasheet HTML 194Page - Microchip Technology PIC18LF4331 Datasheet HTML 195Page - Microchip Technology PIC18LF4331 Datasheet HTML 196Page - Microchip Technology PIC18LF4331 Datasheet HTML 197Page - Microchip Technology PIC18LF4331 Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 194
 2010 Microchip Technology Inc.
18.8.2
PWM CHANNEL OVERRIDE
PWM output may be manually overridden for each
PWM channel by using the appropriate bits in the
OVDCOND and OVDCONS registers. The user may
select the following signal output options for each PWM
output pin operating in the Independent PWM mode:
• I/O pin outputs PWM signal
• I/O pin inactive
• I/O pin active
Refer to Section 18.10 “PWM Output Override” for
details for all the override functions.
FIGURE 18-19:
CENTER CONNECTED
LOAD
18.9
Single-Pulse PWM Operation
The single-pulse PWM operation is available only in
Edge-Aligned mode. In this mode, the PWM module
will
produce
single-pulse
output.
Single-pulse
operation is configured when the PTMOD<1:0> bits are
set to ‘01’ in the PTCON0 register. This mode of
operation is useful for driving certain types of ECMs.
In Single-Pulse mode, the PWM I/O pin(s) are driven to
the active state when the PTEN bit is set. When the
PWM timer match with the Duty Cycle register occurs,
the PWM I/O pin is driven to the inactive state. When
the PWM timer match with the PTPER register occurs,
the PTMR register is cleared, all active PWM I/O pins
are driven to the inactive state, the PTEN bit is cleared
and an interrupt is generated if the corresponding
interrupt bit is set.
18.10 PWM Output Override
The PWM output override bits allow the user to manu-
ally drive the PWM I/O pins to specified logic states,
independent of the duty cycle comparison units. The
PWM override bits are useful when controlling various
types of ECMs like a BLDC motor.
OVDCOND and OVDCONS registers are used to
define the PWM override options. The OVDCOND
register
contains
eight
bits,
POVD<7:0>,
that
determine which PWM I/O pins will be overridden. The
OVDCONS register contains eight bits, POUT<7:0>,
that determine the state of the PWM I/O pins when a
particular output is overridden via the POVD bits.
The POVD bits are active-low control bits. When the
POVD bits are set, the corresponding POUT bit will
have no effect on the PWM output. In other words, the
pins corresponding to POVD bits that are set will have
the duty PWM cycle set by the PDCx registers. When
one of the POVD bits is cleared, the output on the cor-
responding PWM I/O pin will be determined by the
state of the POUT bit. When a POUT bit is set, the
PWM pin will be driven to its active state. When the
POUT bit is cleared, the PWM pin will be driven to its
inactive state.
18.10.1
COMPLEMENTARY OUTPUT MODE
The even numbered PWM I/O pins have override
restrictions when a pair of PWM I/O pins are operating
in the Complementary mode (PMODx = 0). In Comple-
mentary mode, if the even numbered pin is driven
active by clearing the corresponding POVD bit and by
setting POUT bits in the OVDCOND and OVDCONS
registers, the output signal is forced to be the comple-
ment of the odd numbered I/O pin in the pair (see
Figure 18-2 for details).
18.10.2
OVERRIDE SYNCHRONIZATION
If the OSYNC bit in the PWMCON1 register is set, all
output overrides performed via the OVDCOND and
OVDCONS registers will be synchronized to the PWM
time base. Synchronous output overrides will occur on
the following conditions:
• When the PWM is in Edge-Aligned mode,
synchronization occurs when PTMR is zero.
• When the PWM is in Center-Aligned mode,
synchronization occurs when PTMR is zero and
when the value of PTMR matches PTPER.
Note:
PTPER and PDCx values are held as they
are after the single-pulse output. To have
another cycle of single pulse, only PTEN
has to be enabled.
+V
PWM1
PWM0
Load
Note 1:
In the Complementary mode, the even
channel cannot be forced active by a
Fault or override event when the odd
channel is active. The even channel is
always the complement of the odd
channel with dead time inserted, before
the odd channel can be driven to its
active state, as shown in Figure 18-20.
2:
Dead time is inserted in the PWM
channels even when they are in Override
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com