Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 187Page - Microchip Technology PIC18LF4331 Datasheet HTML 188Page - Microchip Technology PIC18LF4331 Datasheet HTML 189Page - Microchip Technology PIC18LF4331 Datasheet HTML 190Page - Microchip Technology PIC18LF4331 Datasheet HTML 191Page - Microchip Technology PIC18LF4331 Datasheet HTML 192Page - Microchip Technology PIC18LF4331 Datasheet HTML 193Page - Microchip Technology PIC18LF4331 Datasheet HTML 194Page - Microchip Technology PIC18LF4331 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 191
PIC18F2331/2431/4331/4431
18.7
Dead-Time Generators
In power inverter applications, where the PWMs are
used in Complementary mode to control the upper and
lower switches of a half-bridge, a dead-time insertion is
highly recommended. The dead-time insertion keeps
both outputs in inactive state for a brief time. This
avoids any overlap in the switching during the state
change of the power devices due to TON and TOFF
characteristics.
Because the power output devices cannot switch
instantaneously, some amount of time must be pro-
vided between the turn-off event of one PWM output in
a complementary pair and the turn-on event of the
other transistor. The PWM module allows dead time to
be programmed. The following sections explain the
dead-time block in detail.
18.7.1
DEAD-TIME INSERTION
Each complementary output pair for the PWM module
has a 6-bit down counter used to produce the
dead-time insertion. As shown in Figure 18-17, each
dead-time unit has a rising and falling edge detector
connected to the duty cycle comparison output. The
dead time is loaded into the timer on the detected PWM
edge event. Depending on whether the edge is rising or
falling, one of the transitions on the complementary
outputs is delayed until the timer counts down to zero.
A timing diagram, indicating the dead-time insertion for
one pair of PWM outputs, is shown in Figure 18-18.
FIGURE 18-17:
DEAD-TIME CONTROL UNIT BLOCK DIAGRAM FOR ONE PWM OUTPUT PAIR
FIGURE 18-18:
DEAD-TIME INSERTION FOR COMPLEMENTARY PWM
Even PWM Signal to
Output Control Block
Odd PWM Signal to
Output Control Block
Zero Compare
Clock Control
and Prescaler
6-Bit Down Counter
Duty Cycle
Compare Input
Dead Time
Prescale
FOSC
Dead Time
Select Bits
Dead-Time Register
td
PDC1
Compare
Output
PWM1
PWM0
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com