Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 183Page - Microchip Technology PIC18LF4331 Datasheet HTML 184Page - Microchip Technology PIC18LF4331 Datasheet HTML 185Page - Microchip Technology PIC18LF4331 Datasheet HTML 186Page - Microchip Technology PIC18LF4331 Datasheet HTML 187Page - Microchip Technology PIC18LF4331 Datasheet HTML 188Page - Microchip Technology PIC18LF4331 Datasheet HTML 189Page - Microchip Technology PIC18LF4331 Datasheet HTML 190Page - Microchip Technology PIC18LF4331 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 187
PIC18F2331/2431/4331/4431
18.6
PWM Duty Cycle
PWM duty cycle is defined by the PDCx (PDCxL and
PDCxH) registers. There are a total of four PWM Duty
Cycle registers for four pairs of PWM channels. The
Duty Cycle registers have 14-bit resolution by combin-
ing six LSbs of PDCxH with the 8 bits of PDCxL. PDCx
is a double-buffered register used to set the counting
period for the PWM time base.
18.6.1
PWM DUTY CYCLE REGISTERS
There are four 14-bit Special Function Registers used
to specify duty cycle values for the PWM module:
• PDC0 (PDC0L and PDC0H)
• PDC1 (PDC1L and PDC1H)
• PDC2 (PDC2L and PDC2H)
• PDC3 (PDC3L and PDC3H)
The value in each Duty Cycle register determines the
amount of time that the PWM output is in the active
state. The upper 12 bits of PDCx holds the actual duty
cycle value from PTMRH/L<11:0>, while the lower
2 bits control which internal Q clock the duty cycle
match will occur. This 2-bit value is decoded from the Q
clocks as shown in Figure 18-11 (when the prescaler is
1:1 or PTCKPS<1:0> = 00).
In Edge-Aligned mode, the PWM period starts at Q1
and ends when the Duty Cycle register matches the
PTMR register as follows. The duty cycle match is con-
sidered when the upper 12 bits of the PDCx are equal
to the PTMR and the lower 2 bits are equal to Q1, Q2,
Q3 or Q4, depending on the lower two bits of the PDCx
(when the prescaler is 1:1 or PTCKPS<1:0> = 00)
.
Each compare unit has logic that allows override of the
PWM signals. This logic also ensures that the PWM
signals will complement each other (with dead-time
insertion) in Complementary mode (see Section 18.7
“Dead-Time Generators”
).
FIGURE 18-11:
DUTY CYCLE COMPARISON
Note:
When
the
prescaler
is
not
1:1
(PTCKPS<1:0>
 ~00), the duty cycle
match occurs at the Q1 clock of the
instruction cycle when the PTMR and
PDCx match occurs.
PTMR<11:0>
PDCx<13:0>
Comparator
Unused
Unused
PTMRH<7:0>
PTMRL<7:0>
PTMRH<3:0>
PTMRL<7:0>
Q Clocks(1)
PDCxH<7:0>
PDCxL<7:0>
PDCxH<5:0>
PDCxL<7:0>
<1:0>
Note 1:
This value is decoded from the Q clocks:
00
= duty cycle match occurs on Q1
01
= duty cycle match occurs on Q2
10
= duty cycle match occurs on Q3
11
= duty cycle match occurs on Q4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com