Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 179Page - Microchip Technology PIC18LF4331 Datasheet HTML 180Page - Microchip Technology PIC18LF4331 Datasheet HTML 181Page - Microchip Technology PIC18LF4331 Datasheet HTML 182Page - Microchip Technology PIC18LF4331 Datasheet HTML 183Page - Microchip Technology PIC18LF4331 Datasheet HTML 184Page - Microchip Technology PIC18LF4331 Datasheet HTML 185Page - Microchip Technology PIC18LF4331 Datasheet HTML 186Page - Microchip Technology PIC18LF4331 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 183
PIC18F2331/2431/4331/4431
FIGURE 18-7:
PWM TIME BASE INTERRUPT, CONTINUOUS UP/DOWN COUNT MODE
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
FOSC/4
PTMR
002h
001h
000h
001h
002h
Note 1:
Interrupt flag bit, PTIF, is sampled here (every Q1).
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
1
1
PTMR
002h
001h
001h
002h
1
PTDIR bit
1
A: PRESCALER = 1:1
B: PRESCALER = 1:4
PTIF bit
PTMR_INT_REQ
PTDIR bit
Q4
Q4
PTIF bit
PTMR_INT_REQ
1
1
1
1
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com