Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 196Page - Microchip Technology PIC18LF4331 Datasheet HTML 197Page - Microchip Technology PIC18LF4331 Datasheet HTML 198Page - Microchip Technology PIC18LF4331 Datasheet HTML 199Page - Microchip Technology PIC18LF4331 Datasheet HTML 200Page - Microchip Technology PIC18LF4331 Datasheet HTML 201Page - Microchip Technology PIC18LF4331 Datasheet HTML 202Page - Microchip Technology PIC18LF4331 Datasheet HTML 203Page - Microchip Technology PIC18LF4331 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 200
 2010 Microchip Technology Inc.
18.12.3
PWM OUTPUTS WHILE IN FAULT
CONDITION
While in the Fault state (i.e., one or both FLTA and
FLTB inputs are active), the PWM output signals are
driven into their inactive states. The selection of which
PWM outputs are deactivated (while in the Fault state)
is determined by the FLTCON bit in the FLTCONFIG
register as follows:
• FLTCON = 1: When FLTA or FLTB is asserted,
the PWM outputs (i.e., PWM<7:0>) are driven into
their inactive state.
• FLTCON = 0: When FLTA or FLTB is asserted,
only PWM<5:0> outputs are driven inactive,
leaving PWM<7:6> activated.
18.12.4
PWM OUTPUTS IN DEBUG MODE
The BRFEN bit in the FLTCONFIG register controls the
simulation of a Fault condition, when a breakpoint is hit,
while debugging the application using an In-Circuit
Emulator (ICE) or an In-Circuit Debugger (ICD). Setting
the BRFEN to high, enables the Fault condition on
breakpoint, thus driving the PWM outputs to the inactive
state. This is done to avoid any continuous keeping of
status on the PWM pin, which may result in damage of
the power devices connected to the PWM outputs.
If BRFEN = 0, the Fault condition on breakpoint is
disabled.
Note:
Disabling only three PWM channels and
leaving one PWM channel enabled when
in the Fault state, allows the flexibility to
have at least one PWM channel enabled.
None of the PWM outputs can be enabled
(driven with the PWM Duty Cycle
registers) while FLTCON = 1 and the Fault
condition is present.
Note:
It is highly recommended to enable the
Fault condition on breakpoint if a debug-
ging tool is used while developing the
firmware and high-power circuitry. When
the device is ready to program after
debugging the firmware, the BRFEN bit
can be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com