Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 38Page - Renesas Technology Corp 7549 Datasheet HTML 39Page - Renesas Technology Corp 7549 Datasheet HTML 40Page - Renesas Technology Corp 7549 Datasheet HTML 41Page - Renesas Technology Corp 7549 Datasheet HTML 42Page - Renesas Technology Corp 7549 Datasheet HTML 43Page - Renesas Technology Corp 7549 Datasheet HTML 44Page - Renesas Technology Corp 7549 Datasheet HTML 45Page - Renesas Technology Corp 7549 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 40 of 81
REJ03B0202-0202
7549 Group
A/D Converter
The functional blocks of the A/D converter are described below.
[AD conversion register] AD
The A/D conversion register is a read-only register that stores the
result of A/D conversion. Do not read out this register during an
A/D conversion.
[AD control register] ADCON
The AD control register controls the A/D converter.
Bit 2 to 0 are analog input pin selection bits.
Bit 3 is the AD conversion clock selection bit. When “0” is set to
this bit, the A/D conversion clock is
φSOURCE/2 and the A/D
conversion time is 122 cycles of
φSOURCE. When “1” is set to
this bit, the A/D conversion clock is
φSOURCE and the A/D
conversion time is 61 cycles of
φSOURCE.
Bit 4 is the AD conversion completion bit. The value of this bit
remains at “0” during A/D conversion, and changes to “1” at
completion of A/D conversion.
A/D conversion is started by setting this bit to “0”.
[Comparison voltage generator]
The comparison voltage generator divides the voltage between
VSS and VCC by 1024, and outputs the divided voltages.
[Channel selector]
The channel selector selects one of ports P17/AN7 to P10/AN0,
and inputs the voltage to the comparator.
[Comparator and control circuit]
The comparator and control circuit compares an analog input
voltage with the comparison voltage and stores its result into the
AD conversion register. When AD conversion is completed, the
control circuit sets the AD conversion completion bit and the A/
D conversion interrupt request bit to “1”. Because the
comparator is constructed linked to a capacitor, set
φSOURCE in
order that the A/D conversion clock is 250 kHz or over during A/
D conversion.
•Notes
As for A/D translation accuracy, on the following operating
conditions, accuracy may become low.
(1) When VCC voltage is lower than [3.0 V], the accuracy at the
low temperature may become extremely low compared with
that at room temperature. When the system would be used at
low temperature, the use at VCC = 3.0 V or more is
recommended.
(2) When XCIN or the low-speed on-chip oscillator is selected as
φSOURCE, the A/D converter cannot be used.
Fig 50. Structure of AD control register
Fig 51. Structure of AD conversion register
AD control register
(ADCON: address 003416, initial value: 1016)
Analog input pin selection bits
000: P10/AN0
001: P11/AN1
010: P12/AN2
011: P13/AN3
100: P14/AN4
101: P15/AN5
110: P16/AN6
111: P17/AN7
AD conversion clock selection bit
0:
φSOURCE/2
1:
φSOURCE
AD conversion completion bit
0: Conversion in progress
1: Conversion completed
Not used (returns “0” when read)
b7
b0
Read 8-bit (Read only address 003516)
(Address 003516)
Read 10-bit (read in order address 003616, 003516)
(Address 003616)
(Address 003516)
Note: High-order 6-bit of address 003616 returns “0” when read.
b7
b0
b9 b8
b7
b7
b0
b6 b5 b4 b3 b2 b1 b0
b9
b7
b0
b8 b7 b6 b5 b4 b3 b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com