Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp 7549 Datasheet HTML 57Page - Renesas Technology Corp 7549 Datasheet HTML 58Page - Renesas Technology Corp 7549 Datasheet HTML 59Page - Renesas Technology Corp 7549 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 54 of 81
REJ03B0202-0202
7549 Group
QzROM Writing Mode
In the QzROM writing mode, the user ROM area can be written
while the microcomputer is mounted on-board by using a serial
programmer which is applicable for this microcomputer.
Table 10 lists the pin description (QzROM writing mode) and
Figure 69 shows the pin connections.
Refer to Figure 70 and Figure 71 for examples of a connection
with a serial programmer.
Contact the manufacturer of your serial programmer for serial
programmer.
Refer to the user's manual of your serial programmer for details
on how to use it.
Table 10 Pin description (QzROM writing mode)
Fig 69. Pin connection diagram (M37549G3/G2/G1FP)
Pin
Name
I/O
Function
VCC, VSS
Power source
Input
Apply 2.7 to 5.5 V to VCC, and 0 V to VSS.
RESET
Reset input
Input
Reset input pin.
P21 /XIN
Clock input
Input
Set the same termination as the single-chip mode.
P20 /XOUT
Clock output
Output
P00
− P05
P11
− P17
P30, P31
I/O port
I/O
Input “H” or “L” level signal or leave the pin open.
CNVSS
VPP input
Input
QzROM programmable power source pin.
P10
ESDA I/O
I/O
Serial data I/O pin.
P06
ESCLK input
Input
Serial clock input pin.
P07
ESPGMB input
Input
Read/program pulse input pin.
Package type: PRSP0024GA-A (24P2Q-A)
12
11
10
9
8
13
7
14
6
15
5
16
4
17
3
18
2
19
1
20
21
22
23
24
P30
P31
P13/AN3/KEY3/T2OUT
P12/AN2/KEY2/CMP2
P11/AN1/KEY1/CMP1
P10/AN0/KEY0/CMP0
P07(LED7)/SRDY
P06(LED6)/SCLK
RESET
P17/AN7/KEY7
P15/AN5/KEY5
P14/AN4/KEY4
P20/XOUT/XCOUT
VSS
VCC
P16/AN6/KEY6
P21/XIN/XCIN
CNVSS
P00(LED0)/INT0
P01(LED1)/INT1
P05(LED5)/TxD
P04(LED4)/RxD
P03(LED3)/CAP0
P02(LED2)
∗ : Set the same termination as
the single-chip mode.
: QzROM pin
ESDA
ESPGMB
ESCLK
RESET
GND
VCC
VPP
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com