Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 78Page - Renesas Technology Corp 7549 Datasheet HTML 79Page - Renesas Technology Corp 7549 Datasheet HTML 80Page - Renesas Technology Corp 7549 Datasheet HTML 81Page - Renesas Technology Corp 7549 Datasheet HTML 82Page - Renesas Technology Corp 7549 Datasheet HTML 83Page - Renesas Technology Corp 7549 Datasheet HTML 84Page - Renesas Technology Corp 7549 Datasheet HTML 85Page - Renesas Technology Corp 7549 Datasheet HTML 86Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 80 of 81
REJ03B0202-0202
7549 Group
Notes on Watchdog Timer
1. Watchdog Timer Underflow
The watchdog timer operates in wait mode. To prevent
underflow, write to the watchdog timer control register.
The watchdog timer stops in stop mode, but starts counting at the
same time as exiting stop mode. After exiting stop mode, it
continues counting during oscillation stabilization time. To
prevent underflow during the period, the watchdog timer H count
source selection bit (bit 7) in the watchdog timer control register
(address 003916) should be set to “0” before executing the STP
instruction.
Note that the watchdog timer continues counting even if the STP
instruction is executed in the following two conditions:
1 Stopping the low-speed on-chip oscillator: Disabled (bit 4 in
FSROM2)
Source clock of the watchdog timer: Low-speed on-chip
oscillator/16 (bit 0 in FSROM2)
2 Stopping the low-speed on-chip oscillator: Disabled (bit 4 in
FSROM2)
Source clock of the watchdog timer:
φSOURCE (bit 0 in
FSROM2)
φSOURCE: Low-speed on-chip oscillator (bits 5 and 4 in
CLKM)
2. STP instruction function selection bit
The function of the STP instruction can be selected by the bit 2 in
FSROM2. This bit cannot be used for rewriting by executing the
STP instruction.
• When this bit is set to “0”, stop mode is entered by executing
the STP instruction.
• When this bit is set to “1”, internal reset occurs by executing
the STP instruction.
Notes on RESET pin
1. Connecting capacitor
In case where the RESET signal rise time is long, connect a
ceramic capacitor or others across the RESET pin and VSS pin.
And use a 1000 pF or more capacitor for high frequency use.
When connecting the capacitor, note the following:
• Make the length of the wiring which is connected to a
capacitor as short as possible.
• Be sure to verify the operation of application products on the
user side.
<Reason>
If the several nanosecond or several ten nanosecond impulse
noise enters the RESET pin, it may cause a microcomputer
failure.
Note on Generating Clock Circuit
1. Switching to XIN/XCIN Oscillator
After a reset is cleared, operation starts using the low-speed on-
chip oscillator. When switching to XIN/XCIN oscillator, make
sure to set a sufficient wait duration with the on-chip oscillator to
allow the XIN/XCIN oscillator to stabilize.
Note on Oscillation Control
For use with the oscillation stabilization set bit after release of
the STP instruction set to “1”, set values in timer 1 and prescaler
12 after fully appreciating the oscillation stabilization time of the
oscillator to be used.
Notes on Oscillation Stop Detection Circuit
(1) Do not execute the transition to “state 2’a” shown in Figure
68 State transition of oscillation stop detection circuit. In
this state, no reset is triggered and the MCU is stopped even
when the XIN oscillation stops.
(2) After an oscillation stop detection reset, if this reset is
enabled while bits XIN oscillation stop detection function
active and oscillation stop detection status are retained, a
reset is triggered again.
(3) The oscillation stop detection status bit is initialized under
the following conditions:
• External reset, power-on reset, low-voltage detection reset,
watchdog timer reset, and reset by the STP instruction
function.
• Write 0 to the XIN oscillation stop detection function active
bit
(4) While the oscillation stop detection function is in active, the
oscillation stop detection status bit may set to 1 when the
watchdog timer underflows or by a reset when the STP
instruction is executed with the STP instruction function
selection bit set to 1.
When an oscillation stop detection reset is triggered,
reconfirm that oscillation is stopped.
(5) The oscillation stop detection circuit is not included in the
emulator MCU “M37549RLSS”.
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
Note on Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor
suitable for high frequencies as bypass capacitor between power
source pin (VCC pin) and GND pin (VSS pin). A ceramic
capacitor of 0.01
µF to 0.1 µF is recommended.
Connect a capacitor across the power source pin and GND pin
with the shortest possible wiring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com