Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 28Page - Renesas Technology Corp 7549 Datasheet HTML 29Page - Renesas Technology Corp 7549 Datasheet HTML 30Page - Renesas Technology Corp 7549 Datasheet HTML 31Page - Renesas Technology Corp 7549 Datasheet HTML 32Page - Renesas Technology Corp 7549 Datasheet HTML 33Page - Renesas Technology Corp 7549 Datasheet HTML 34Page - Renesas Technology Corp 7549 Datasheet HTML 35Page - Renesas Technology Corp 7549 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 30 of 81
REJ03B0202-0202
7549 Group
Output compare
7549 group has 3-output compare channels. Each channel (0 to
2) has the same function and can be used to output waveform by
using count value of Timer A.
Three output compare channels share the registers with the input
capture (one channel), but their individual circuits operate
independently so that all the channels can be used at the same
time.
To use each compare channel, set “1” to the compare x (x = 0, 1,
2) output port selection bit and set the port direction register
corresponding to compare channel to output mode.
The compare value for each channel is set to the capture/compare
register (low-order) and capture/compare register (high-order).
Writing to the register for each channel is controlled by setting
value of capture/compare register RW pointer. Writing to each
register is in the following order;
1. Set the corresponding compare latch to the capture/compare
register RW pointer.
2. Write a value to the capture/compare register (low-order)
and capture/compare register (high-order). (It doesn’t care
even if either low-order or high-order is written early.)
3. Set “1” to the compare latch y (y = 00, 01, 10, 11, 20, 21)
re-load bit.
When “1” is set to the compare latch y re-load bit, the value set to
the compare register is loaded to compare latch when the next
timer underflow.
After loading, re-load bit is set to “0” automatically.
When the count value of timer A matches the compare latch
setting value, a trigger to the compare output circuit is generated.
The trigger can be enabled or disabled using the compare x
trigger enable bit. When the compare x trigger enable bit is set to
1, the output waveform from the port is as follows.
• When the value of the compare x output level latch is “0”
High level at compare latch x0 match
Low level at compare latch x1 match
• When the value of the compare x output level latch is “1”
Low level at compare latch x0 match
High level at compare latch x1 match
The output waveform does not change if the compare x trigger
enable bit is set to 0, so the port output remains fixed at high or
low level.
The compare output level of each channel can be confirmed by
reading the compare x output status bit.
Compare interrupt is available when match of each compare
channel and timer count value. The interrupt request from each
channel can be disabled or enabled by setting value of compare
latch y interrupt source bit.
•Notes
(1) If timer A is stopped, when a value is written to the capture/
compare register it is immediately transferred to the
compare latch. In addition, if timer A is stopped and the
compare x trigger enable bit is set to “1”, the output latch is
initialized.
(2) Do not write the same data to both of compare latch x0 and
x1.
(3) When setting value of the compare latch is larger than timer
setting value, compare match signal is not generated.
Accordingly, the output waveform is fixed to “L” or “H”
level.
However, when setting value of another compare latch is
smaller than timer setting value, this compare match signal
is generated. Accordingly, compare interrupt occurs.
(4) When the compare x trigger enable bit is cleared to “0”
(disabled), the match trigger to the waveform output circuit
is disabled, and the output waveform can be fixed to “L” or
“H” level.
However, in this case, the compare match signal is
generated.
Accordingly, compare interrupt occurs.
Fig 29. Structure of capture/compare register
Fig 30. Structure of capture/compare register RW
pointer
Fig 31. Structure of compare register re-load register
Fig 32. Structure of capture/compare port register
b7
b0
Capture/Compare register (low-order)
(CRAL: address 001016, initial value: 0016)
b7
b0
Capture/Compare register (high-order)
(CRAH: address 001116, initial value: 0016)
b7
b0
Capture/Compare register RW pointer
(CCRP: address 001216, initial value: 0016)
Capture/Compare register RW pointer
b2 b1 b0
0 0 0 : Compare latch 00
0 0 1 : Compare latch 01
0 1 0 : Compare latch 10
0 1 1 : Compare latch 11
1 0 0 : Compare latch 20
1 0 1 : Compare latch 21
1 1 0 : Capture latch 00
1 1 1 : Capture latch 01
Not used (returns “0” when read)
b7
b0
Compare register re-load register
(CMPR: address 002D16, initial value: 0016)
Compare latch 00, 01 re-load bit
0: Re-load disabled
1: Re-load at next underflow
Compare latch 10, 11 re-load bit
0: Re-load disabled
1: Re-load at next underflow
Compare latch 20, 21 re-load bit
0: Re-load disabled
1: Re-load at next underflow
Not used (returns “0” when read)
b7
b0
Capture/Compare port register
(CCPR: address 002E16, initial value: 0016)
Capture 0 input port selection bit
0: Capture from P03
1: Low-speed on-chip oscillator/16
Compare 0 output port selection bit
0: P10 is I/O port
1: P10 is Compare 0 output
Compare 1 output port selection bit
0: P11 is I/O port
1: P11 is Compare 1 output
Compare 2 output port selection bit
0: P12 is I/O port
1: P12 is Compare 2 output
Not used (returns “0” when read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com