Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 45Page - Renesas Technology Corp 7549 Datasheet HTML 46Page - Renesas Technology Corp 7549 Datasheet HTML 47Page - Renesas Technology Corp 7549 Datasheet HTML 48Page - Renesas Technology Corp 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 47 of 81
REJ03B0202-0202
7549 Group
Fig 64. Structure of clock mode register
•Note
• Switching to XIN/XCIN Oscillator
After a reset is cleared, operation starts using the low-speed on-
chip oscillator. When switching to XIN/XCIN oscillator, make
sure to set a sufficient wait duration with the on-chip oscillator to
allow the XIN/XCIN oscillator to stabilize.
Low-speed on-chip oscillator oscillation control bit
(Notes 1, 2, and 4)
0: Oscillation start
1: Oscillation stop
High-speed on-chip oscillator oscillation control bit
(Notes 2 and 4)
0: Oscillation start
1: Oscillation stop
XIN/XCIN oscillation control bit (Notes 2 and 4)
0: Oscillation start
1: Oscillation stop
Oscillation stabilization time set bit after release of the
STP instruction
0: Timer 1 set to “0116” and prescaler 12 to “FF16”
automatically
1: Un-automatically
Clock selection bits (Notes 3 and 4)
b5 b4
0 0 : Low-speed on-chip oscillator
0 1 : High-speed on-chip oscillator
1 0 : XIN/XCIN oscillation, External clock
1 1 : Not available
Clock division ratio selection bit
b7 b6
0 0 :
φSOURCE/8 (low-speed mode)
0 1 :
φSOURCE/4 (middle-speed mode)
1 0 :
φSOURCE/2 (high-speed mode)
1 1 : No division (double-speed mode)
b7
Clock mode register
(CLKM: address 003716, initial value: 0216)
b0
Notes 1: When stopping the low-speed on-chip oscillator is disabled by setting the low-speed
on-chip oscillator control bit (bit 4 in FSROM2), “1” cannot be written to this bit.
The low-speed on-chip oscillator does not stop even in stop mode.
2: “1” cannot be written to the oscillation control bits (bits 2 to 0) of the clock selected
as
φSOURCE by the clock selection bits.
3: When “oscillation pins not used” is set by the oscillation method selection bits (bits 1
and 0 in FSROM1), “102” cannot be written to these bits.
4: Do not change the values of the clock selection bits and the clock oscillation control
bits at the same time using a single instruction. Always use different instructions to
rewrite these values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com