Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 48Page - Renesas Technology Corp 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 50 of 81
REJ03B0202-0202
7549 Group
Fig 65. Block diagram of internal clock generating circuit
“00”: Low-speed mode
High-speed on-chip
oscillator (HSOCO)
1/4
1/2
Timing
φ
(Internal clock)
φSOURCE
“10”: High-speed mode
Clock division ratio selection bits
WIT
instruction
Low-speed on-chip
oscillator (LSOCO)
1/8
“01”: Middle-speed mode
“11”: Double-speed mode
Peripheral
function clock
generation circuit
(1/1 to 1/256)
Clock selection bits
High-speed on-chip oscillator
oscillation control bit
Low-speed on-chip oscillator
oscillation control bit
1/16
Prescaler 12
Timer 1
Oscillation stabilization time set timer
after release of the STP instruction
SQ
R
Reset
Interrupt disable flag I
Interrupt request
XIN/XCIN oscillation
control bit
Bits 0 and 1 of FSROM1: setting of the oscillation method select bits
“00”: Clock pins not used
P21/XIN/XCIN
Port P21
control circuit
P20/XOUT/XCOUT
Port P20
control circuit
“10”
“01”
“00”
It is not possible to write “1” to the low-speed on-chip
oscillator oscillation control bit if low-speed on-chip
oscillator stop has been disabled by bit 4 in FSROM2.
Also, the low-speed on-chip oscillator does not stop
even if the STP instruction is executed.
XIN oscillation cannot be
selected as
φSOURCE
if clock pins not used is
selected.
P21/XIN/XCIN
Port P21
control circuit
P20/XOUT/XCOUT
“11”: External clock input
Noise filter
P21/XIN/XCIN
P20/XOUT/XCOUT
Rf
“10”: 32 kHz quartz-
crystal oscillation
P21/XIN/XCIN
P20/XOUT/XCOUT
Rf
“01”: Ceramic or quartz-
crystal oscillation
1/1 to 1/256
Peripheral
function
(Note 2)
(Note 2)
Reset
SQ
R
QS
STP instruction
STP instruction
R
Notes 1: The oscillation circuit is built in the P20/XOUT/XCOUT pin and the P21/XIN/XCIN pin. When the Vcc of the microcomputer
is lower than the operation lower bound voltage even if these pins are used as I/O ports, the oscillation circuit is
connected and undefined values may be output from these pins.
2: Although a feed-back resistor exists on-chip, an external feed-back resistor may be needed depending on conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com