Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 18Page - Renesas Technology Corp 7549 Datasheet HTML 19Page - Renesas Technology Corp 7549 Datasheet HTML 20Page - Renesas Technology Corp 7549 Datasheet HTML 21Page - Renesas Technology Corp 7549 Datasheet HTML 22Page - Renesas Technology Corp 7549 Datasheet HTML 23Page - Renesas Technology Corp 7549 Datasheet HTML 24Page - Renesas Technology Corp 7549 Datasheet HTML 25Page - Renesas Technology Corp 7549 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 20 of 81
REJ03B0202-0202
7549 Group
Interrupts
The 7549 group interrupts are vector interrupts with a fixed
priority scheme, and generated by 12 sources: 4 external, 7
internal, and 1 software.
The interrupt sources, vector addresses(1), and interrupt priority
are shown in Table 8.
Each interrupt except the BRK instruction interrupt has the
interrupt request bit and the interrupt enable bit. These bits and
the interrupt disable flag (I flag) control the acceptance of
interrupt requests. Figure 18 shows an interrupt control diagram.
An interrupt requests is accepted when all of the following
conditions are satisfied:
• Interrupt disable flag.................................“0”
• Interrupt request bit...................................“1”
• Interrupt enable bit....................................“1”
Though the interrupt priority is determined by hardware, priority
processing can be performed by software using the above bits
and flag.
Table 8
Interrupt vector address and priority
NOTES:
1. Vector addressed contain internal jump destination addresses.
2. Reset function in the same way as an interrupt with the highest priority.
Interrupt source
Priority
Vector addresses
(Note 1)
Interrupt request generating conditions
Remarks
High-
order
Low-
order
Reset (Note 2)
1
FFFD16
FFFC16
At reset input
Non-maskable
Serial I/O receive
2
FFFB16
FFFA16
At completion of serial I/O data receive
Valid only when serial I/O is selected
Serial I/O transmit
3
FFF916
FFF816
At completion of serial I/O transmit shift or
when transmit buffer is empty
Valid only when serial I/O is selected
INT0
4FFF716
FFF616
At detection of either rising or falling edge
of INT0 input
External interrupt
(active edge selectable)
INT1
5FFF516
FFF416
At detection of either rising or falling edge
of INT1 input
External interrupt
(active edge selectable)
Key-on wakeup
6
FFF316
FFF216
At falling of conjunction of input logical
level for port P1 (at input)
External interrupt (valid at falling edge)
Capture
7
FFF116
FFF016
At detection of either rising or falling edge
of Capture 0 input
External interrupt
(active edge selectable)
Compare
8
FFEF16
FFEE16
At compare matched
Compare interrupt source is selected.
Timer A
9
FFED16
FFEC16
At timer A underflow
Timer 210
FFEB16
FFEA16
At timer 2 underflow
A/D conversion
11
FFE916
FFE816
At completion of A/D conversion
Timer 112
FFE716
FFE616
At timer 1 underflow
STP release timer underflow
Not used
13
FFE516
FFE416
14
FFE316
FFE216
15
FFE116
FFE016
16
FFDF16
FFDE16
BRK instruction
17
FFDD16
FFDC16
At BRK instruction execution
Non-maskable software interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com