Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 61Page - Renesas Technology Corp 7549 Datasheet HTML 62Page - Renesas Technology Corp 7549 Datasheet HTML 63Page - Renesas Technology Corp 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp 7549 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 63 of 81
REJ03B0202-0202
7549 Group
(2) Recommended Operating Conditions
Table 12 Recommended operating conditions (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTES:
1. The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average
value measured over 100 ms. The total peak current is the peak value of all the currents.
2. The peak output current is the peak current flowing in each port.
3. The average output current IOL (avg), IOH (avg) in an average value measured over 100 ms.
4. P20 and P21 indicates these pins are used as I/O ports.
5. XIN and XCIN indicates these pins are used as clock pins.
Min.
0.8VCC
0.8VCC
0
0
0
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
Typ.
0
Power source voltage
“H” input voltage (Note 4)
P00
−P07, P10−P17, P21, P30, P31
“H” input voltage (Note 5)
RESET, XIN, XcIN
______
______
“L” input voltage (Note 4)
P00
−P07, P10−P17, P21, P30, P31
“L” input voltage
RESET, CNVSS
“L” input voltage (Note 5)
XIN, XcIN
“H” total peak output current (Notes 1, 4)
P00
−P07, P10−P17, P20, P21, P30, P31
“L” total peak output current (Note 1)
P00
−P07
“L” total peak output current (Notes 1, 4)
P10
−P17, P20, P21, P30, P31
“H” total average output current (Notes 1, 4)
P00
−P07, P10−P17, P20, P21, P30, P31
“L” total average output current (Note 1)
P00
−P07
“L” total average output current (Notes 1, 4)
P10
−P17, P20, P21, P30, P31
VCC
VSS
VIH
VIH
VIL
VIL
VIL
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
“H” peak output current (Notes 2, 4)
P00
−P07, P10−P17, P20, P21, P30, P31
IOH(peak)
“L” peak output current (Notes 2, 4)
P00
−P07 (drive capacity: weakness), P10−P17, P20, P21, P30, P31
IOL(peak)
“L” peak output current (Note 2)
P00
−P07 (drive capacity: strength)
IOL(peak)
“H” average output current (Notes 3, 4)
P00
−P07, P10−P17, P20, P21, P30, P31
IOH(avg)
“L” average output current (Notes 3, 4)
P00
−P07 (drive capacity: weakness), P10−P17, P20, P21, P30, P31
IOL(avg)
Symbol
Parameter
Limits
Unit
Max.
VCC
VCC
0.2VCC
0.2VCC
0.16VCC
−60
60
60
−30
30
30
mA
−10
mA
10
mA
30
mA
−5
mA
5
“L” average output current (Notes 3)
P00
−P07 (drive capacity: strength)
IOL(avg)
mA
15
4.5
5.5
V
XIN oscillation,
external clock input
5.0
XCIN oscillation
2.4
5.5
V
5.0
1.8
5.5
V
5.0
2.2
5.5
V
5.0
Double-, high-, middle-, low-speed mode
4.0
5.5
V
5.0
High-speed on-chip
oscillator
Low-speed on-chip
oscillator
Double-, high-, middle-, low-speed mode
1.8
5.5
V
5.0
4.0
5.5
V
5.0
2.4
5.5
V
5.0
1.8
5.5
V
5.0
Double-speed mode
High-, middle-,
low-speed mode
f(XIN)
≤ 8MHz
f(XIN)
≤ 2MHz
f(XIN)
≤ 1MHz
f(XIN)
≤ 8MHz
f(XIN)
≤ 4MHz
f(XIN)
≤ 1MHz
Double-, high-, middle-,
low-speed mode
f(XCIN)
≤ 50kHz
Power
source
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com