Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 42Page - Renesas Technology Corp 7549 Datasheet HTML 43Page - Renesas Technology Corp 7549 Datasheet HTML 44Page - Renesas Technology Corp 7549 Datasheet HTML 45Page - Renesas Technology Corp 7549 Datasheet HTML 46Page - Renesas Technology Corp 7549 Datasheet HTML 47Page - Renesas Technology Corp 7549 Datasheet HTML 48Page - Renesas Technology Corp 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 44 of 81
REJ03B0202-0202
7549 Group
Power-on Reset Circuit
Reset can be automatically performed at power on (power-on
reset) by the built-in power-on reset circuit.
To use the built-in power-on reset circuit, leave the RESET pin
open (the pull-up resistor is built-in).
Low Voltage Detection Circuit
The built-in low voltage detection circuit is designed to detect a
drop in voltage and to reset the microcomputer if the power
source voltage drops below a set value (Typ.1.95 V).
The low voltage detection circuit is valid by setting “1” to bit 0
of the function set ROM data 0.
Also, when “1” is set to bit 2 of the function set ROM data 1, the
low voltage detection circuit can be valid even in the stop mode.
The low voltage detection circuit is stopped in the stop mode by
setting “0” to this bit, so that the power dissipation is reduced.
Fig 56. Operation waveform diagram of power-on
reset circuit
Fig 57. Operation waveform diagram of low voltage detection circuit
Fig 58. Timing diagram at reset
VCC (Note)
Power-on reset circuit output
Internal reset signal
Note: Keep the value of supply voltage to
the minimum value or more of the
recommended operating conditions.
Reset released
Reset
state
Power-on
VCC
Internal reset signal
Reset voltage (Typ:1.95V)
Microcomputer starts operation
by the built-in on-chip oscillator.
?
?
FFFC
FFFD
ADH,ADL
?
?
ADL
ADH
Reset address from the
vector table
Low-speed on-chip
oscillator clock
Internal CPU clock
φ
?
?
?
?
?
?
?
RESET
Internal reset
signal
SYNC
Address
Data
9 to 16 cycles of
internal CPU clock
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com