Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 63Page - Renesas Technology Corp 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp 7549 Datasheet HTML 69Page - Renesas Technology Corp 7549 Datasheet HTML 70Page - Renesas Technology Corp 7549 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 65 of 81
REJ03B0202-0202
7549 Group
(3) Electrical Characteristics
Table 14 Electrical characteristics (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTES:
1. P20 and P21 indicates these pins are used as I/O ports.
2. XIN and XCIN indicates these pins are used as clock pins.
3. P05 is measured when the P05/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
4. It is available only when operating key-on wake up.
Symbol
Parameter
Limits
Min.
Typ.
Max.
Unit
“H” output voltage (Notes 1, 3)
P00
−P07, P10−P17, P21, P30, P31
Vcc
−1.5
V
VOH
“L” output voltage (Note 1)
P00
−P07 (drive capacity: weakness)
P10
−P17, P21, P30, P31
VOL
Test conditions
IOH =
−5 mA, Vcc = 4.0−5.5 V
IOH =
−1.0 mA, Vcc = 1.8−5.5 V
Vcc
−1.0
V
IOL = 5 mA, Vcc = 4.0
−5.5 V
1.5
V
IOL = 1.5 mA, Vcc = 4.0
−5.5 V
0.3
V
IOL = 1.0 mA, Vcc = 1.8
−5.5 V
1.0
V
“L” output voltage
P00
−P07 (drive capacity: strength)
VOL
IOL = 15 mA, Vcc = 4.0
−5.5 V
2.0
V
IOL = 1.5 mA, Vcc = 4.0
−5.5 V
0.3
V
IOL = 1.0 mA, Vcc = 1.8
−5.5 V
1.0
V
Hysteresis
INT0, INT1, CAP0,
P10
−P17 (Note 4)
RXD, SCLK, RESET
VT+
− VT-
0.5
V
“H” input current (Note 1)
P00
−P07, P10−P17, P21, P30, P31
IIH
VI = Vcc
(Pin floating. Pull up transistors is disable)
5.0
Oscillation stop detection circuit
detection frequency
62.5
250
kHz
150
DOSC
Vcc = 5.0 V, Ta = 25 °C
Low-speed on-chip oscillator
oscillation frequency
125
500
kHz
250
Vcc = 5.0 V, Ta = 25 °C
“H” input current
RESET
IIH
VI = Vcc
5
µA
µA
“H” input current (Note 2)
XIN
IIH
VI = Vcc
4.0
µA
“L” input current (Note 1)
P00
−P07, P10−P17, P21, P30, P31
IIL
VI = Vss
(Pin floating. Pull up transistors is disable)
−5.0
µA
“L” input current
RESET
IIL
VI = Vss
−0.7
mA
“L” input current (Note 2)
XIN
IIL
VI = Vss
−4.0
µA
“L” input current
P00
−P07, P10−P17
IIL
VI = Vss
(Pull up transistors is enable)
−0.5
−0.2
mA
RAM hold voltage
1.6
5.5
V
VRAM
When clock stopped
Pull-up resistor value
RESET
RPH
VI = Vss
25
k
Ω
High-speed on-chip oscillator
oscillation frequency
MHz
Vcc = 4.0
−5.5 V, Ta = −20−85 °C
4
Vcc = 4.0
−5.5 V, Ta = 0−50 °C
4
“H” input current (Note 2)
XCIN
IIH
VI = Vcc
0.5
µA
“L” input current (Note 2)
XCIN
IIL
VI = Vss
−0.3
µA
3.6
3.8
RHSOCO
RLSOCO
4.2
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com