Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp 7549 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 51 of 81
REJ03B0202-0202
7549 Group
Fig 66.
φSOURCE state transition
• XIN
HSOCO “S”
LSOCO “S”
xx10x011
XIN “O”
HSOCO “O”
• LSOCO
xx00x000
XIN “S”
HSOCO “S”
• LSOCO
xx00x110
XIN “S”
• HSOCO
LSOCO “S”
xx01x101
• XIN
HSOCO “O”
LSOCO “S”
xx10x001
XIN “O”
HSOCO “S”
• LSOCO
xx00x010
XIN “S”
HSOCO “O”
• LSOCO
xx00x100
• XIN
HSOCO “O”
LSOCO “O”
xx10x000
XIN “O”
• HSOCO
LSOCO “O”
xx01x000
• XIN
HSOCO “S”
LSOCO “O”
xx10x010
XIN “S”
• HSOCO
LSOCO “O”
xx01x100
XIN “O”
• HSOCO
LSOCO “S”
xx01x001
High-speed on-chip oscillator (HSOCO): oscillation start
b1=0
XIN oscillation:
oscillation start (Note 3)
b2=0
Low-speed on-chip oscillator
(LSOCO): oscillation start
b0=0
HSOCO
Oscillation
(b1=0)
Stop
(b1=1)
HSOCO
Oscillation
(b1=0)
Stop
(b1=1)
φSOURCE selection
XIN
(b5,4=1,0)
(Note 3)
LSOCO
(b5,4=0,0)
LSOCO
Stop
(b0=1)
Oscillation
(b0=0)
X
IN
Oscillation
(b2=0)
Stop
(b2=1)
b2
b5,4
(Note 3)
b1,0
b0
(Note
1)
b0
(Note
1)
b2
b0
(Note
1)
b2,0 (Note 1)
b2
b2,1
(Note
1)
b0
(Note
1)
b2,0 (Note 1)
[Remarks]
Reset released
b2
State transition of clock mode register CLKM (address: 003716) setting value and clock
(When XIN oscillation is used. The same applies when XCIN oscillation and external clock input are used.)
XIN “O”
HSOCO “S”
• LSOCO
xx00x010
b5,4
(Note 3)
(Note 2)
XIN, HSOCO, LSOCO, and respective oscillation and stop status in each mode are shown.
The symbol (
•) indicates φSOURCE (oscillation) selected by the clock selection bits.
“O” indicates oscillation and “S” indicates stopping.
The values such as “xx00x010” indicate the values (binary) of the clock mode register in the mode.
The arrow (bx) indicates a bit in the clock mode register, showing a transition by changing the bit values.
Entering the mode should be performed according to the arrows. Wait mode and stop mode can be
entered from all modes, and the original mode is returned after exiting.
Notes 1: When stopping the low-speed on-chip oscillator is disabled by the low-speed on-chip oscillator control bit (bit 4 in FSROM2),
“1” cannot be written to the bit 0 in CLKM. The low-speed on-chip oscillator does not stop even in stop mode.
2: After releasing reset, the low-speed on-chip oscillator is selected as
φSOURCE and divided by 8 is selected as the CPU clock.
3: When the oscillation pins not used is set by the oscillation method selection bits (bits 1 and 0 in FSROM1), “10” cannot be
written to bits 5 and 5 in CLKM. To use XIN oscillation as
φSOURCE, switch after XIN oscillation is stabilized. Supply a stable
clock when an external clock is used.
4: Do not change the values of the clock selection bits (bits 5 and 4) in CLKM and the individual clock oscillation control bits
(bits 2 to 0) at the same time using a singe instruction. Always use different instructions to rewrite these values.
5: Wait until the oscillation used in the destination mode is stabilized before entering.
Wait mode
• Low-speed on-chip oscillator: Status before executing WIT instruction is kept
• High-speed on-chip oscillator: Status before executing WIT instruction is kept
• XIN oscillation: Status before executing the WIT instruction is kept
Stop mode
• Low-speed on-chip oscillator: Stopped (Note 1)
• High-speed on-chip oscillator: Stopped
• XIN oscillation: Stopped
b5,4
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com