Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 78Page - Renesas Technology Corp 7549 Datasheet HTML 79Page - Renesas Technology Corp 7549 Datasheet HTML 80Page - Renesas Technology Corp 7549 Datasheet HTML 81Page - Renesas Technology Corp 7549 Datasheet HTML 82Page - Renesas Technology Corp 7549 Datasheet HTML 83Page - Renesas Technology Corp 7549 Datasheet HTML 84Page - Renesas Technology Corp 7549 Datasheet HTML 85Page - Renesas Technology Corp 7549 Datasheet HTML 86Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
A - 2
REVISION HISTORY
7549 Group Datasheet
2.00
Feb 19, 2007
53
(7) CPU Mode Register is revised
58
Overvoltage: Description revised, Fig 79 is added
59
ELECTRICAL CHARACTERISTICS is added
2.01
Oct 15, 2007
1
Interrupts. “13 sources, 13 vectors”
→“12 sources, 12 vectors”
4
Interrupts. “13 sources, 13 vectors”
→“12 sources, 12 vectors”
Power dissipation “TBD”
→“30 mW”
10
“Stack page bit”
→“Stack page selection bit”
14
Fig 12 is revised.
17
Fig 16 (6) and (8) are revised.
19
Table 7 RESET is added.
20-24
Interrupts is revised. Fig 20-22 are added.
26
Fig 24 is revised.
30
Fig 32 is revised.
42
Fig 53 is revised.
43
Fig 55 is revised.
52
Oscillation stop detection circuit is revised.
54
VCC, VSS “Apply 1.8 to 5.5 V to VCC”
→“Apply 2.7 to 5.5 V to VCC”
57
(7) CPU Mode Register is revised.
59
3. Writing to analog input pins is revised.
65
Table 14 “RHSOSC”
→“RHSOSO”
Min.: “TBD”
→“3.8”, “3.6”, Max.: “TBD”→“4.2”, “4.4”
“RLSOSC”
→“RLSOSO”
67
Table 16 Absolute accuracy Max.: “TBD”
→“3”
Table 17 A/D Conversion clock frequency Min.: “TBD”
→“0.016”
74
APPENDIX is added.
All pages “PRELIMINARY” deleted.
2.02
Mar 31, 2009
4
Table 1 Power dissipation: 30 mW
→ 30 mW (Typ.)
57, 74
“Processor Status Register” revised.
63
Table 12 VCC: XIN oscillation, XCIN oscillation, ....
→ XCIN oscillation deleted.
65
Table 14 NOTE 3 P05/TXD1
→ P05/TXD
68
- Power-on reset circuit characteristics:
TW(VPOR) Limits Max. and Min. values changed.
- Low voltage detection circuit characteristics:
TW(VLVD) and TW (VLVD -VDET) eliminated.
VDET-
→ VDET, V(VDET+- VDET-) deleted.
- Fig. 83 revised.
61, 81
“Notes On QzROM Writing Orders” revised.
Rev.
Date
Description
Page
Summary
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com