| Electronic Components Datasheet Search |
|
7549 Datasheet(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7549 Datasheet(HTML) 47 Page - Renesas Technology Corp |
|
47 / 86 page ![]() Rev.2.02 Mar 31, 2009 Page 45 of 81 REJ03B0202-0202 7549 Group Fig 59. Timing diagram at reset Notes 1: X : Undefined 2: The content of other registers is undefined when the microcomputer is reset. The initial values must be surely set before you use it. 3: Do not access to the SFR area including nothing. 4: When the setting by the function set ROM data 2 (FSROM2) is performed, the initial values of this bit at reset are changed. Port P0 pull-up control register (PULL0) Port P1 pull-up control register (PULL1) Serial I/O status register (SIOSTS) Serial I/O control register (SIOCON) UART control register (UARTCON) AD control register (ADCON) Oscillation stop detection register (CLKSTP) Watchdog timer control register (WDTCON) Interrupt edge selection register (INTEDGE) CPU mode register (CPUM) Interrupt request register 1 (IREQ1) Interrupt request register 2 (IREQ2) Interrupt control register 1 (ICON1) Interrupt control register 2 (ICON2) Clock mode register (CLKM) Port P0 drive capacity control register (DCCR) Port P0 direction register (P0D) Timer A (low-order) (TAL) Timer A (high-order) (TAH) Prescaler 12 (PRE12) Timer 1 (T1) Timer count source set register (TCSS) Port P1 direction register (P1D) Port P2 direction register (P2D) Port P3 direction register (P3D) Capture/Compare register (low-order) (CRAL) Key-on wakeup input selection register (KEYS) Capture/Compare register (high-order) (CRAH) Capture/Compare register RW pointer (CCRP) Compare output mode register (CMOM) Compare register re-load register (CMPR) Capture/Compare port register (CCPR) Capture/Compare status register (CCSR) Capture software trigger register (CSTR) Compare interrupt source set register (CISR) Capture mode register (CAPM) Timer mode register (TM) Timer 2 (T2) (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) (14) (15) (16) (17) (18) (19) (20) (21) (22) (23) (24) (25) (26) (27) (28) (29) (30) (31) (32) (33) (34) (35) (36) (37) (38) 1 0 0 0 0 0 0 0 1 1 1 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 1 0 Note4 0 1 1 1 1 1 1 0 0 0 0 0 0 0 1 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 FF16 FF16 FF16 0016 FF16 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 000316 000516 000716 000C16 000E16 000F16 001016 001116 001216 001316 001416 001516 001916 001A16 001B16 002816 002916 002A16 002B16 002C16 002E16 002F16 003016 003116 003216 003416 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 000116 000D16 002D16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |