Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 78Page - Renesas Technology Corp 7549 Datasheet HTML 79Page - Renesas Technology Corp 7549 Datasheet HTML 80Page - Renesas Technology Corp 7549 Datasheet HTML 81Page - Renesas Technology Corp 7549 Datasheet HTML 82Page - Renesas Technology Corp 7549 Datasheet HTML 83Page - Renesas Technology Corp 7549 Datasheet HTML 84Page - Renesas Technology Corp 7549 Datasheet HTML 85Page - Renesas Technology Corp 7549 Datasheet HTML 86Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
Rev.2.02
Mar 31, 2009
Page 81 of 81
REJ03B0202-0202
7549 Group
Note on Memory
(1) Because the contents of RAM are indefinite at reset, set
initial values before using.
(2) Do not access to the reserved area.
(3) Random data is written into the Renesas shipment test area
and the reserved ROM area. Do not rewrite the data in these
areas. Data of these area may be changed without notice.
Accordingly, do not include these areas into programs such
as checksum of all ROM areas.
(4) The QzROM values in function set ROM data 0 to 2 set the
operating modes of the various peripheral functions after an
MCU reset is released. Do not fail to set the value for the
selected function. Bits designated with a fixed value of 1 or
0 must be set to the designated value.
Notes on QzROM
1. Note on Product shipped in blank
As for the product shipped in blank, Renesas does not perform
the writing test to user ROM area after the assembly process
though the QzROM writing test is performed enough before the
assembly process. Therefore, a writing error of approx.0.1 %
may occur.
Moreover, please note the contact of cables and foreign bodies
on a socket, etc. because a writing environment may cause some
writing errors.
2. Overvoltage
Take care not to apply the voltage above the Vcc pin voltage to
other pins. Make sure that the voltage of the CNVSS pin (VPP
power input pin for QzROM) does not change as shown in the
bold-lined periods (Figure 91) when powering on and off. If the
voltage changes as shown, the QzROM contents may be
rewritten.
Fig 91. Timing Diagram (bold-lined periods are applicable)
3. QzROM Writing Orders
When ordering the QzROM product shipped after writing,
submit the mask file (extension: .mask) which is made by the
mask file converter MM.
• Be sure to set the ROM option data* setup when making the
mask file by using the mask file converter MM.. The ROM
code protect is specified according to the ROM option data* in
the mask file which is submitted at ordering. Note that the
mask file which has nothing at the ROM option data* or has
the data other than “0016” and “FF16” can not be accepted.
•Set “FF16” to the ROM code protect address in ROM data
regardless of the presence or absence of a protect. When data
other than “FF16” is set, we may ask that the ROM data be
submitted again.
* ROM option data: mask option noted in MM
4. Data Required for QzROM Writing Orders
The following are necessary when ordering a QzROM product
shipped after writing:
1. QzROM Writing Confirmation Form*
2. Mark Specification Form*
3. ROM data...........Mask file
* For the QzROM writing confirmation form and the mark
specification form, refer to the “Renesas Technology Corp.”
Homepage (http://www.renesas.com/homepage.jsp).
Note that we cannot deal with special font marking (customer's
trademark etc.) in QzROM microcomputer.
VCC pin voltage
CNVSS pin voltage
1.8 V
1.8 V
(1) The input voltage to other MCU pins rises before the VCC pin
voltage rises.
(2) The input voltage to other MCU pins falls before the VCC pin
voltage falls.
Note: If VCC falls below the minimum value 1.8 V (shaded areas),
the internal circuit becomes unstable. Take additional care
to prevent overvoltage.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com