Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 40Page - Cypress Semiconductor FULLFLEX Datasheet HTML 41Page - Cypress Semiconductor FULLFLEX Datasheet HTML 42Page - Cypress Semiconductor FULLFLEX Datasheet HTML 43Page - Cypress Semiconductor FULLFLEX Datasheet HTML 44Page - Cypress Semiconductor FULLFLEX Datasheet HTML 45Page - Cypress Semiconductor FULLFLEX Datasheet HTML 46Page - Cypress Semiconductor FULLFLEX Datasheet HTML 47Page - Cypress Semiconductor FULLFLEX Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 44 of 52
256 K × 36 (9-Mbit) 1.8 V/1.5 V Synchronous CYD09S36V18 Dual Port SRAM
Speed
(MHz)
Ordering Code
Package
Diagram
Package Type
Operating
Range
200
CYD09S36V18-200BBXC
51-85108 256-ball Ball Grid Array 17 mm × 17 mm with 1.0 mm pitch (Pb-free) Commercial
200
CYD09S36V18-200BBXI
51-85108 256-ball Ball Grid Array 17 mm × 17 mm with 1.0 mm pitch (Pb-free) Industrial
167
CYD09S36V18-167BBXC
51-85108 256-ball Ball Grid Array 17 mm × 17 mm with 1.0 mm pitch (Pb-free) Commercial
64 K × 36 (2-Mbit) 1.8 V or 1.5 V Synchronous CYD02S36V18 Dual Port SRAM
Speed
(MHz)
Ordering Code
Package
Diagram
Package Type
Operating
Range
200
CYD02S36V18-200BBC
51-85108 256-ball Ball Grid Array 17 mm × 17 mm with 1.0 mm pitch
Commercial
Ordering Information (continued)
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com