Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor FULLFLEX Datasheet HTML 27Page - Cypress Semiconductor FULLFLEX Datasheet HTML 28Page - Cypress Semiconductor FULLFLEX Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 25 of 52
AC Test Load and Waveforms
Figure 9. Output Test Load for LVTTL/CMOS
Figure 10. Output Test Load for HSTL
Figure 11. HSTL Input Waveform
Output
50 Ohm
50 Ohm
VTH = 1.5V for LVTTL
VTH = 50% VDDIO for 2.5V CMOS
VTH = 50% VDDIO for 1.8V CMOS
ZQ
RQ=250 Ohm
Device under
test
VREF
VREF = NC
Test Point
C = 10pF
READY
R=250 Ohm
VTH
Output
50 Ohm
50 Ohm
VTH = 50% VDDIO
ZQ
RQ=250 Ohm
Device under
test
V
REF
V
REF = 0.75V
Test Point
C= 10pF for SDR
R=250 Ohm
READY
VTH
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com