Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 14Page - Cypress Semiconductor FULLFLEX Datasheet HTML 15Page - Cypress Semiconductor FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor FULLFLEX Datasheet HTML 17Page - Cypress Semiconductor FULLFLEX Datasheet HTML 18Page - Cypress Semiconductor FULLFLEX Datasheet HTML 19Page - Cypress Semiconductor FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 18 of 52
Master Reset
The FullFlex family of Dual Ports undergoes a complete reset
when MRST is asserted. MRST must be driven by VDDIOL
referenced levels. The MRST is asserted asynchronously to the
clocks and must remain asserted for at least tRS. When asserted
MRST deasserts READY, initializes the internal burst counters,
internal mirror registers, and internal busy addresses to zero. It
also initializes the internal mask register to all 1s. All mailbox
interrupts (INT), busy address outputs (BUSY), and burst
counter interrupts (CNTINT) are deasserted upon master reset.
Additionally, do not release MRST until all power supplies
including VREF are fully ramped and all port clocks and mode
select inputs (LOWSPD, ZQ, CQEN, FTSEL, and PORTSTD)
are valid and stable. This begins calibration of the DLL and VIM
circuits. READY is asserted within 1024 clock cycles. READY is
a wired OR capable output with a strong pull up and weak pull
down. Up to four outputs may be connected together. For faster
pull down of the signal, connect a 250 Ohm resistor to VSS. If
the DLL and VIM circuits are disabled for a port, the port is
operational within five clock cycles. However, the READY is
asserted within 160 clock cycles.
IEEE 1149.1 Serial Boundary Scan (JTAG)
The FullFlex families incorporate an IEEE 1149.1 serial
boundary scan test access port (TAP). The TAP operates using
JEDEC-standard 3.3 V or 2.5 V IO logic levels depending on the
VTTL power supply. It is composed of four input connections and
one output connection required by the test logic defined by the
standard.
Table 9. JTAG IDCODE Register Definitions
Part Number
Configuration
Value
CYD36S72V18
512 K × 72
0C026069h (×2)
CYD36S36V18
1024 K × 36
0C023069h
CYD36S18V18
2048 K × 18
0C024069h
CYD18S72V18
256 K × 72
0C025069h
CYD18S36V18
512 K × 36
0C026069h
CYD18S18V18
1024 K × 18
0C027069h
CYD09S72V18
128 K × 72
0C028069h
CYD09S36V18
256 K × 36
0C029069h
CYD09S18V18
512 K × 18
0C02A069h
CYD02S36V18
64 K × 36
0C030069h
Table 10. Scan Registers Sizes
Register Name
Bit Size
Instruction
4
Bypass
1
Identification
32
Boundary Scan
n[39]
Table 11. Instruction Identification Codes
Instruction
Code
Description
EXTEST
0000
Captures the input and output ring contents. Places the BSR between the TDI and TDO.
BYPASS
1111
Places the BYR between TDI and TDO.
IDCODE
1011
Loads the IDR with the vendor ID code and places the register between TDI and TDO.
HIGHZ
0111
Places BYR between TDI and TDO. Forces all FullFlex72 and FullFlex36 output drivers to a
High Z state.
CLAMP
0100
Controls boundary to 1 or 0. Places BYR between TDI and TDO.
SAMPLE/PRELOAD
1000
Captures the input and output ring contents. Places BSR between TDI and TDO.
RESERVED
All other
codes
Other combinations are reserved. Do not use other than the mentioned combinations.
Note
39. Details of the boundary scan length is found in the BSDL file for the device.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com