Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor FULLFLEX Datasheet HTML 27Page - Cypress Semiconductor FULLFLEX Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 24 of 52
Electrical Characteristics
Over the Operating Range
Parameter
Description
Configuration
All Speed Bins
Unit
Typ
Max
ISB3
Standby current
(both ports CMOS level)
CEL and CER  VCORE – 0.2 V, f = 0
512 K × 72
Commercial
410
590
mA
Industrial
460
700
mA
1024 K × 36
Commercial
410
590
mA
Industrial
460
700
mA
2048 K × 18
Commercial
410
590
mA
Industrial
460
700
mA
256 K × 72
Commercial
210
300
mA
Industrial
230
350
mA
512 K × 36
Commercial
210
300
mA
Industrial
230
350
mA
1024 K × 18
Commercial
210
300
mA
Industrial
230
350
mA
128 K × 72
Commercial
150
200
mA
Industrial
170
220
mA
256 K × 36
Commercial
150
200
mA
Industrial
170
220
mA
512 K × 18
Commercial
150
200
mA
Industrial
170
220
mA
Table 12. Capacitance
Signals
Packages
CYD18S72V18
CYD09S72V18
CYD18S36V18
CYD09S36V18
CYD02S36V18
CYD18S18V18
CYD09S18V18
CYD36S72V18
CYD36S36V18
CYD36S18V18
OE
12 pF
12 pF
20 pF
20 pF
BE, DQ
10 pF
18 pF
16 pF
30 pF
All other signals
10 pF
10 pF
16 pF
16 pF
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com