Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 8Page - Cypress Semiconductor FULLFLEX Datasheet HTML 9Page - Cypress Semiconductor FULLFLEX Datasheet HTML 10Page - Cypress Semiconductor FULLFLEX Datasheet HTML 11Page - Cypress Semiconductor FULLFLEX Datasheet HTML 12Page - Cypress Semiconductor FULLFLEX Datasheet HTML 13Page - Cypress Semiconductor FULLFLEX Datasheet HTML 14Page - Cypress Semiconductor FULLFLEX Datasheet HTML 15Page - Cypress Semiconductor FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 12 of 52
address matches enable to generate the BUSY flag. However,
none of the addresses are saved into the busy address register.
When a busy readback is performed, the address of the first
match that happens at least two clocks cycles after the busy
readback is saved into the busy address register.
Variable Impedance Matching
Each port contains a variable impedance matching circuit to set
the impedance of the IO driver to match the impedance of the
on-board traces. The impedance is set for all outputs except
JTAG and is done by port. To take advantage of the VIM feature,
connect a calibrating resistor (RQ) that is five times the value of
the intended line impedance from the ZQ[1:0][27] pin to VSS. The
output impedance is then adjusted to account for drifts in supply
voltage and temperature every 1024 clock cycles. If a port’s clock
is suspended, the VIM circuit retains its last setting until the clock
is restarted. On restart, it then resumes periodic adjustment. In
the case of a significant change in device temperature or supply
voltage, recalibration happens every 1024 clock cycles. A master
reset initializes the VIM circuitry. Table 5 shows the VIM
parameters and Table 6 describes the VIM operation modes.
To disable VIM, connect the ZQ pin to VDDIO of the relative
supply for the IOs before a Master Reset.
Table 3. tCCS Timing for All Operating Modes
Port A—Early Arriving Port
Port B—Late Arriving Port
tCCS
C Rise to Opposite C Rise Setup Time for Non Corrupt Data
Unit
Mode
Active Edge
Mode
Active Edge
SDRCSDR
C
tCYC(min) – 0.5
ns
Table 4. Deterministic Access Control Logic
Left Port
Right Port
Left Clock
Right Clock
BUSYL
BUSYR
Description
Read
Read
X
X
H
H
No collision
Write
Read
> tCCS
0
H
H
Read OLD data
0> tCCS
H
H
Read NEW data
< tCCS
0
H
H
Read OLD data
H
L
Data not guaranteed
0< tCCS
H
H
Read NEW data
H
L
Data Not guaranteed
Read
Write
> tCCS
0
H
H
Read NEW data
0> tCCS
HH
Read OLD data
< tCCS
0
H
H
Read NEW data
L
H
Data Not guaranteed
0< tCCS
HH
Read OLD data
L
H
Data not guaranteed
Write
Write
0
> –tCCS & < tCCS
L
L
Array data corrupted
0> tCCS
L
H
Array stores right port data
> tCCS
0
H
L
Array stores left port data
Table 5. Variable Impedance Matching Parameters
Parameter
Min
Max
Unit
Tolerance
RQ value
100
275
±2%
Output impedance
20
55
±15%
Reset time
–
1024 Cycles
–
Update time
–
1024 Cycles
–
Table 6. Variable Impedance Matching Operation
RQ Connection
Output Configuration
100
–275  to VSS Output driver impedance = RQ/5 ± 15%
at Vout = VDDIO/2
ZQ
to VDDIO
VIM disabled. Rout < 20
at Vout =
VDDIO/2
Note
27. The pin ZQ[1] is applicable only for 36 Mbit devices. This pin is DNU for 18 Mbit and lower density devices.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com