Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor FULLFLEX Datasheet HTML 27Page - Cypress Semiconductor FULLFLEX Datasheet HTML 28Page - Cypress Semiconductor FULLFLEX Datasheet HTML 29Page - Cypress Semiconductor FULLFLEX Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 26 of 52
Switching Characteristics
Over the Operating Range
Table 13. SDR Mode, Signals Affected by DLL
Parameter
Description
DLL ON (LOWSPD=1)[46]
DLL OFF (LOWSPD=0)[46]
-200
-167
Unit
Min
Max
Min
Max
Min
Max
tCD2[49]
C rise to DQ valid for pipelined
mode
–3.30[45, 48]
–4.00[45, 48]
–6.00[45, 48]
ns
tCCQ[49]
C rise to CQ rise
1.00
3.30 [48]
1.00
4.00[48]
1.00
6.00[48]
ns
tCKHZ2[44, 49] C rise to DQ output high Z in
pipelined mode
1.00
3.30[45, 48]
1.00
4.00[45, 48]
1.00
6.00[45, 48]
ns
tCKLZ2[44, 49] C rise to DQ output low Z in
pipelined mode
1.00
–
1.00
–
1.00
–
ns
Table 14. SDR Mode
Parameter
Description
-200
-167
Unit
Min
Max
Min
Max
fMAX
(PIPELINED)
Maximum operating frequency for pipelined mode
100
200
100
167
MHz
fMAX (FLOW
THROUGH
)
Maximum operating frequency for flow through mode
–
77
–
66.7
MHz
tCYC
(PIPELINED)
C clock cycle time for pipelined mode
5.00[48]
10.00
6.00[48]
10.00
ns
tCYC (FLOW X
THROUGH
)
C clock cycle time for flow through mode
13.00[48]
–15.00[48]
–ns
tCKD
C clock duty time
45
55
45
55
%
tSD
Data input setup time to C
rise
HSTL
1.8 V LVCMOS
1.50[45, 48]
–1.70[45, 48]
–ns
2.5 V LVCMOS
3.3 V LVTTL
1.75[45, 48]
–1.95[45, 48]
ns
tHD[47]
Data input hold time after C rise
0.5
–
0.5
–
ns
tSAC
Address and control input
setup time to C rise
HSTL
1.8 V L VCMOS
1.50[45, 47, 48]
–1.70[45, 47, 48]
–ns
2.5 V LVCMOS
3.3 V LVTTL
1.75[45, 47, 48]
–1.95[45, 47, 48]
–ns
tHAC[47]
Address and control input hold time after C rise
0.50
–
0.60
–
ns
tOE
Output enable to data valid
–
4.40[45, 48]
–5.00[45, 48]
ns
tOLZ[44]
OE to low Z
1.00
–
1.00
–
ns
Notes
44. Parameters specified with the load capacitance in Figure 9 on page 25 and Figure 10 on page 25.
45. For the x18 devices, add 200 ps to this parameter in Table 14.
46. Test conditions assume a signal transition time of 2 V/ns.
47. Add 300 ps to this timing for 36M devices.
48. Add 15% to this parameter if a VCORE of 1.5 V is used.
49. This parameter assumes input clock cycle to cycle jitter of ± 0ps.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com