Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor FULLFLEX Datasheet HTML 27Page - Cypress Semiconductor FULLFLEX Datasheet HTML 28Page - Cypress Semiconductor FULLFLEX Datasheet HTML 29Page - Cypress Semiconductor FULLFLEX Datasheet HTML 30Page - Cypress Semiconductor FULLFLEX Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 27 of 52
tOHZ[50]
OE to high Z
1.00
4.40[51, 52]
1.00
5.00[51, 52]
ns
tCD1
C rise to DQ valid for flow through mode
(LowSPD = 0)
–9.00[51, 52]
–
11.00[51, 52]
ns
tCA1
C rise to address readback valid for flow through mode
–
9.00[52]
–
11.00[52]
ns
tCA2
C rise to address readback valid for pipelined mode
–
5.00[52]
–6.00[52]
ns
tDC[53]
DQ output hold after C rise
1.00
–
1.00
–
ns
tJIT
Clock input cycle to cycle jitter
–
+/- 200
–
+/- 200
ps
tCQHQV[53]
Echo clock (CQ) high to
output valid
HSTL
1.8 V LVCMOS
–0.70[51]
–0.80[51]
ns
2.5 V LVCMOS
3.3 V LVTTL
–0.80[51]
–0.90[51]
ns
tCQHQX[53]
Echo clock (CQ) high to
output hold
HSTL
1.8 V LVCMOS
–0.70
–
–0.80
–
ns
2.5 V LVCMOS 3.3 V
LVTTL
–0.85
–
–0.95
–
ns
tCKHZ1[50]
C rise to DQ output high Z in flow through mode
1.00
9.00[51, 52]
1.00
11.00[51, 52]
ns
tCKLZ1[50]
C rise to DQ output low Z in flow through mode
1.00
–
1.00
–
ns
tAC
Address output hold after C rise
1.00
–
1.00
–
ns
tCKHZA1[50]
C rise to address output high Z for flow through mode
1.00
9.00[52]
1.00
11.00[52]
ns
tCKHZA2[50]
C rise to address output high Z for pipelined mode
1.00
5.00[52]
1.00
6.00[52]
ns
tCKLZA[50]
C rise to address output low Z
1.00
–
1.00
–
ns
tSCINT
C rise to CNTINT low
1.00
3.30[52]
1.00
4.00[52]
ns
tRCINT
C rise to CNTINT high
1.00
3.30[52]
1.00
4.00[52]
ns
tSINT
C rise to INT low
0.50
7.00[52]
0.50
8.00[52]
ns
tRINT
C rise to INT high
0.50
7.00[52]
0.50
8.00[52]
ns
tBSY
C rise to BUSY valid
1.00
3.30[52]
1.00
4.00[52]
ns
Table 14. SDR Mode (continued)
Parameter
Description
-200
-167
Unit
Min
Max
Min
Max
Notes
50. Parameters specified with the load capacitance in Figure 9 on page 25 and Figure 10 on page 25.
51. For the x18 devices, add 200 ps to this parameter in Table 14.
52. Add 15% to this parameter if a VCORE of 1.5 V is used.
53. This parameter assumes input clock cycle to cycle jitter of ± 0ps.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com