Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 19Page - Cypress Semiconductor FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor FULLFLEX Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 23 of 52
ISB2
Standby current
(one port TTL or CMOS level)
CEL | CER  VIH, f = fMAX
512 K × 72 Commercial
1300
1570
1160
1410
mA
Industrial
–
–
1210
1520
mA
1024 K × 36 Commercial
1090
1330
980
1210
mA
Industrial
–
–
1030
1330
mA
2048 K × 18 Commercial
1040
1270
930
1160
mA
Industrial
–
–
980
1270
mA
256 K × 72 Commercial
650
790
580
710
mA
Industrial
680
840
610
760
mA
512 K × 36 Commercial
550
670
490
610
mA
Industrial
570
730
520
670
mA
1024 K × 18 Commercial
520
640
470
580
mA
Industrial
550
690
490
640
mA
128 K × 72 Commercial
520
630
460
560
mA
Industrial
550
670
480
610
mA
256 K × 36 Commercial
460
530
400
470
mA
Industrial
480
560
430
500
mA
512 K × 18 Commercial
460
530
410
480
mA
Industrial
480
560
430
510
mA
64 K × 36
Commercial
–
–
–
–
mA
Industrial
–
–
–
–
mA
Electrical Characteristics (continued)
Over the Operating Range
Parameter
Description
Configuration
-200
-167
Unit
Typ
Max
Typ
Max
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com