Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 44Page - Cypress Semiconductor FULLFLEX Datasheet HTML 45Page - Cypress Semiconductor FULLFLEX Datasheet HTML 46Page - Cypress Semiconductor FULLFLEX Datasheet HTML 47Page - Cypress Semiconductor FULLFLEX Datasheet HTML 48Page - Cypress Semiconductor FULLFLEX Datasheet HTML 49Page - Cypress Semiconductor FULLFLEX Datasheet HTML 50Page - Cypress Semiconductor FULLFLEX Datasheet HTML 51Page - Cypress Semiconductor FULLFLEX Datasheet HTML 52Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 48 of 52
Acronyms
Document Conventions
Units of Measure
Figure 36. 484-ball PBGA (27 mm × 27 mm × 2.33 mm), 001-07825
Package Diagrams
001-07825 *A
Acronym
Description
BGA
ball grid array
CMOS
complementary metal oxide semiconductor
DLL
delay lock loop
FPBGA
fine pitch ball gird array
HSTL
high speed transceiver logic
I/O
input/output
SDR
single data rate
SRAM
static random access memory
TCK
test clock
TDI
test data in
TDO
test data out
TMS
test mode select
VIM
variable impedance matching
Symbol
Unit of Measure
°C
degree Celcius
MHz
Mega Hertz
µA
micro Amperes
mA
milli Amperes
ms
milli seconds
mV
milli Volts
ns
nano seconds
pF
pico Farad
VVolts
WWatts
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com