Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 44Page - Cypress Semiconductor FULLFLEX Datasheet HTML 45Page - Cypress Semiconductor FULLFLEX Datasheet HTML 46Page - Cypress Semiconductor FULLFLEX Datasheet HTML 47Page - Cypress Semiconductor FULLFLEX Datasheet HTML 48Page - Cypress Semiconductor FULLFLEX Datasheet HTML 49Page - Cypress Semiconductor FULLFLEX Datasheet HTML 50Page - Cypress Semiconductor FULLFLEX Datasheet HTML 51Page - Cypress Semiconductor FULLFLEX Datasheet HTML 52Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 51 of 52
*H
2505003
See ECN
VKN/
AESA
Modified footnote #1
Removed 250 MHz speed bin
Added 2-Mbit part and it’s related information
Changed ball name ZQ1 to DNU for 18M and lesser density devices
Added 256-Ball (17 x 17 mm) BGA package for 18M
Made PORTSTD[1:0] left and right pins driven only by LVTTL reference level
For 1.8V LVCMOS level, Changed VIH(min) from 1.26V to 0.65 times VDDIO and
Changed VIL(max) from 0.36V to 0.35 times VDDIO
Changed tHD, tHAC specs for 36M from 0.6 ns/0.7 ns to 0.8 ns (See footnote# 32)
Updated Ordering Information table
*I
2898491
07/01/2010
RAME
Modified “Counter Load Operation” section on page 12 and in Table7. on page 13.
Corrected typo in Table 14. by making LowSPD = 0 for tCD1 spec in the description.
Modified figure 16. on page 30.
Removed inactive parts from Ordering Information.
Updated Packaging Information.
Corrected “ Counter Interrupt operation” Section in Page 14 of the datasheet
Updated ordering information with the parts, CYD02S36V18-200BBC and
CYD36S72V18-167BGI.
*J
2995098
07/28/2010
RAME
Updated Ordering Information and added Ordering Code Definitions.
Added Acronyms and Units of Measure.
Minor edits.
*K
3267210
05/26/2011
ADMU
Updated Electrical Characteristics on page 21 (Removed 133 MHz speed bin).
Updated Switching Characteristics on page 26 (Removed 133 MHz speed bin).
Removed information for 4Mb devices.
Updated Ordering Information.
Document History Page (continued)
Document Title: FullFlex™ Synchronous SDR Dual Port SRAM
Document Number: 38-06082
REV.
ECN NO. Submission
Date
Orig. of
Change
Description of Change
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com