Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 13Page - Cypress Semiconductor FULLFLEX Datasheet HTML 14Page - Cypress Semiconductor FULLFLEX Datasheet HTML 15Page - Cypress Semiconductor FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor FULLFLEX Datasheet HTML 17Page - Cypress Semiconductor FULLFLEX Datasheet HTML 18Page - Cypress Semiconductor FULLFLEX Datasheet HTML 19Page - Cypress Semiconductor FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 17 of 52
Figure 8. Programmable Counter-Mask Register Operation with WRP deasserted
Figure 8 shows the programmable counter-mask operation with WRP deasserted. [36, 38]
Table 8. Interrupt Operation Example
Table 8 shows the interrupt operation example. [33, 34, 35, 37, 38]
Function
Left Port
Right Port
R/WL
CEL
A0L–20L
INTL
R/WR
CER
A0R–20R
INTR
Set Right INTR Flag
L
L
Max Address
X
X
X
X
L
Reset Right INTR Flag
X
X
X
X
H
L
Max Address
H
Set Left INTL Flag
X
X
X
L
L
L
Max Address–1
X
Reset Left INTL Flag
H
L
Max Address–1
H
X
X
X
X
220 219
26
21
25
22
24 23
20
220 219
26
21
25
22
24 23
20
220 219
26
21
25
22
24 23
20
220 219
26
21
25
22
24 23
20
H
H
L
H
11
0s
1
0
1
0
1
11
00
Xs
0
X
1
X
0
01
11
Xs
1
X
1
X
1
11
00
Xs
0
X
1
X
0
01
Masked Address
Unmasked Address
Mask
Register
LSB
Address
Counter
LSB
CNTINT
Example:
Load
Counter-Mask
Register = 00007F
Load
Address
Counter = 000005
Max
Address
Value
Max + 1
Address
Value
0
27
X
27
X
27
X
27
Notes
33. CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single read operation, CE only needs to be asserted once at the rising edge of the C and is
deasserted after that. Data is out after the following C edge and is tri-stated after the next C edge.
34. OE is “Don’t Care” for mailbox operation.
35. At least one of BE0, BE1, BE2, BE3, BE4, BE5, BE6, or BE7 must be LOW.
36. The “X” in this diagram represents the counter’s upper bits.
37. “X” = Don’t Care, “H” = HIGH, “L” = LOW.
38. The CYD36S18V18 device has 21 address bits. The CYD36S36V18 and CYD18S18V18 devices have 20 address bits. The CYD36S72V18, CYD18S36V18, and
CYD09S18V18 devices have 19 address bits. The CYD18S72V18 and CYD09S36V18 devices have 18 address bits. The CYD09S72V18 device has 17 address bits.
The CYD02S36V18 has 16 address bits.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com