Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 18Page - Cypress Semiconductor FULLFLEX Datasheet HTML 19Page - Cypress Semiconductor FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor FULLFLEX Datasheet HTML 25Page - Cypress Semiconductor FULLFLEX Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 22 of 52
ISB1
Standby current
(both ports TTL Level)
CEL and CER  VIH, f = fMAX
512 K × 72 Commercial
1000
1250
920
1160
mA
Industrial
–
–
970
1260
mA
1024 K × 36 Commercial
910
1140
820
1050
mA
Industrial
–
–
880
1160
mA
2048 K × 18 Commercial
890
1110
810
1030
mA
Industrial
–
–
860
1140
mA
256 K × 72 Commercial
500
630
460
580
mA
Industrial
530
680
490
630
mA
512 K × 36 Commercial
460
570
410
530
mA
Industrial
480
630
440
580
mA
1024 K × 18 Commercial
450
560
410
520
mA
Industrial
470
610
430
570
mA
128 K × 72 Commercial
400
490
360
450
mA
Industrial
420
540
380
490
mA
256 K × 36 Commercial
380
440
340
400
mA
Industrial
390
470
360
430
mA
512 K × 18 Commercial
390
460
350
410
mA
Industrial
410
480
370
440
mA
64 K × 36
Commercial
–
–
–
–
mA
Industrial
–
–
–
–
mA
Electrical Characteristics (continued)
Over the Operating Range
Parameter
Description
Configuration
-200
-167
Unit
Typ
Max
Typ
Max
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com