Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 10Page - Cypress Semiconductor FULLFLEX Datasheet HTML 11Page - Cypress Semiconductor FULLFLEX Datasheet HTML 12Page - Cypress Semiconductor FULLFLEX Datasheet HTML 13Page - Cypress Semiconductor FULLFLEX Datasheet HTML 14Page - Cypress Semiconductor FULLFLEX Datasheet HTML 15Page - Cypress Semiconductor FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor FULLFLEX Datasheet HTML 17Page - Cypress Semiconductor FULLFLEX Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 14 of 52
Table 7. Burst Counter and Mask Register Control Operations
The burst counter and mask register control operation for any port follows. [29, 30]
C
MRST CNTRST CNT/MSK CNTEN ADS RET
Operation
Description
X
L
X
X
X
X
X
Master reset
Reset address counter to all 0s, mask
register to all 1s, and busy address to all 0s.
H
L
H
X
X
X
Counter reset
Reset counter and mirror unmasked portion
to all 0s.
H
L
L
X
X
X
Mask reset
Reset mask register to all 1s.
H
H
H
L
L
X
Counter
load
for
burst/external address
load for non-burst
Load burst counter and mirror with external
address value presented on address lines.
H
H
L
L
L
X
Mask load
Load mask register with value presented on
the address lines.
H
H
H
L
H
L
Retransmit
Load counter with value in the mirror register.
H
H
H
L
H
H
Counter increment
Internally increment address counter value.
H
H
H
H
H
H
Counter hold
Constantly hold the address value for
multiple clock cycles.
H
H
H
H
L
H
Counter readback
Read out counter internal value on address
lines.
H
H
L
H
L
H
Mask readback
Read out mask register value on address
lines.
H
H
L
H
H
L
Busy
address
readback
Read out first busy address after last busy
address readback.
HH
L
L
H
X
Reserved
HH
L
H
L
L
Reserved
HH
L
H
H
H
Reserved
HH
HH
L
L
Reserved
HH
HH
H
L
Reserved
Notes
29. “X” = Don’t Care, “H” = HIGH, “L” = LOW.
30. Counter operation and mask register operation is independent of chip enables.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com