Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FULLFLEX Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 44Page - Cypress Semiconductor FULLFLEX Datasheet HTML 45Page - Cypress Semiconductor FULLFLEX Datasheet HTML 46Page - Cypress Semiconductor FULLFLEX Datasheet HTML 47Page - Cypress Semiconductor FULLFLEX Datasheet HTML 48Page - Cypress Semiconductor FULLFLEX Datasheet HTML 49Page - Cypress Semiconductor FULLFLEX Datasheet HTML 50Page - Cypress Semiconductor FULLFLEX Datasheet HTML 51Page - Cypress Semiconductor FULLFLEX Datasheet HTML 52Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 50 of 52
*C
402238
SEE ECN
KGH
Updated AC Test Load and Waveforms
Included FullFlex36 SDR 484-Ball BGA Pinout (Top View)
Included FullFlex18 SDR 484-Ball BGA Pinout (Top View)
Included Timing Parameter tCORDY
*D
458131
SEE ECN
YDT
Changed ordering information with Pb-free part numbers
Removed VC_SEL
Added IO and core voltage adders
Removed references to bin drop for LVTTL/2.5 V LVCMOS and 1.5 V core modes
Updated Cin and Cout
Updated ICC, ISB1, ISB2 and ISB3 tables
Updated busy address read back timing diagram
Added HTSL input waveform
Removed HSTL (AC) from DC tables
Added 484-ball 27 mmx27 mmx2.33 mm PBGA package
*E
470031
SEE ECN
YDT
Changed VOL of 1.8 V LVCMOS to 0.45 V
Updated tRSF
VREF is DNU when HSTL is not used
Formatted pin description table
Changed VDDIO pins for 36M x 36 and 36M x 18 pinouts
Changed 36Mx72 JTAG IDCODE
*F
500001
SEE ECN
YDT
DLL Change, added Clock Input Cycle to Cycle Jitter
Modified DLL description
Changed Input Capacitance Table
Changed tCCS number
Added note 31
*G
627539
SEE ECN
QSL
change all NC to DNU
corrected switching waveform for (CQEN = High) from both Pipeline and Flow
through mode to only pipeline mode
Modified master reset description
Modified switching characteristics tables, extracted signals effected by the DLL
into one table and combine all other signals into one table
updated package name
Added footnote for tHD, tHAC and tSAC
changed note 26 description
Document History Page (continued)
Document Title: FullFlex™ Synchronous SDR Dual Port SRAM
Document Number: 38-06082
REV.
ECN NO. Submission
Date
Orig. of
Change
Description of Change
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com