Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 187 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 187 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 183Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 184Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 185Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 186Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 187Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 188Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 189Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 190Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 191Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
187
Ordering Information
OR2C12A, -4 speed grade, 240-pin shrink quad flat pack, commercial temperature.
Table 56. FPGA Voltage Options
Device
Voltage
OR2CxxA
5.0 V
OR2TxxA
3.3 V
OR2TxxB
3.3 V
Table 57. FPGA Temperature Options
Symbol
Description
Temperature
(Blank)
Commercial
0 °C to 70 °C
I
Industrial
–40 °C to +85 °C
Table 58. FPGA Package Options
Symbol
Description
BA
Plastic Ball Grid Array (PBGA)
BC
Enhanced Ball Grid Array (EBGA)
J
Quad Flat Package (QFP)
M
Plastic Leaded Chip Carrier (PLCC)
PS
Power Quad Shrink Flat Package (SQFP2)
S
Shrink Quad Flat Package (SQFP)
T
Thin Quad Flat Package (TQFP)
OR2C12A-4 S 240
DEVICE TYPE
SPEED GRADE
PACKAGE TYPE
NUMBER OF PINS
TEMPERATURE RANGE
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com