Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 189 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 189 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 184Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 185Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 186Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 187Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 188Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 189Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 190Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 191Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 192Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 189 / 192 page
background image
189
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Index
A
Absolute Maximum Ratings, 129
Adder (see LUT Operating Modes)
Architecture
Overview, 5
PLC, 22
PIC, 25
B
Bidirectional Buffers (BIDIs), 14, 17, 18, 20, 22
(see also Routing and SLIC)
Bit Stream (see FPGA Configuration)
Bit Stream Error Checking, 47
(see also FPGA States of Operation)
Boundary Scan, 54—59
C
Clock Distribution Network, 37—39
Selecting Clock Input Pins, 39
Clock Enable (CE), 1, 5, 7, 15, 16, 24, 134
Comparator (see LUT Operating Modes)
Configuration (see FPGA States of Operation
or FPGA Configuration)
Control Inputs, 5, 7
E
Electrical Characteristics, 130
Error Checking (see FPGA Configuration)
F
5 V Tolerant I/O, 26—27, 64
FPGA Configuration
Configuration Frame Format, 43—46
Configuration Modes, 47, 158—160
Asynchronous Peripheral Mode, 49, 163
Daisy-Chaining, 51
Master Parallel Mode, 47
Master Serial Mode, 162
Slave Parallel Mode, 48, 50, 161, 166
Slave Serial Mode, 49—50, 165
Synchronous Peripheral Mode, 48, 164
Data Format, 43—45
Using
ORCA Foundry to Generate RAM Data, 43
FPGA States of Operation, 40—43
Configuration, 41
Initialization, 40
Other Configuration Options, 43
Partial Reconfiguration, 43
Reconfiguration, 42
Start-Up, 41
G
GSR (see GSRN)
GSRN, 6, 7, 16, 37, 134
I
IEEE Standard 1149.1, 1
(see also Boundary Scan)
Initialization (see FPGA States of Operation)
Input/Output Buffers (see PICs)
Measurement Conditions, 169
Output Buffer Characteristics, 170—172
J
JTAG (see Boundary Scan)
L
Look-up Table (LUT) Operating Modes, 7—15
Adder-Subtractor Submode, 10
Counter Submode, 11
Equality Comparators, 11
Logic Modes, 7—9
Memory Mode, 12—15
Asynchronous Memory, 12
Synchronous Memory, 13
Multiplier Submode, 11
Ripple Mode, 10
LSR, 5—7, 15—16
M
Maximum Ratings (see Absolute Maximum Ratings)
Multiplier (see LUT Operating Modes)
O
ORCA Foundry Development System Overview, 4
Ordering Information, 189
Package Matrix, 190
Package Options, 189
Temperature Options, 189
Voltage Options, 189
Output (see PICs)
P
Package Outline Drawings, 174—186
Package Matrix, 190
Package Outline Drawings, 173
84-Pin PLCC, 174
100-Pin TQFP, 175
144-Pin TQFP, 176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com