Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 100Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 101Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 102Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 103Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 104Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 105Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 106Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 107Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 226 page
background image
Rev. 1.00
104 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I2CCON Register
SFR Address: D8h
Bit
7
6
5
4
3
2
1
0
Name
—
ENS1
STA
STO
SI
AA
—
—
R/W
—
R/W
R/W
R/W
R
R
—
—
POR
—
0
0
0
0
0
—
—
Bit 7
Unimplemented, read as "0"
Bit 6
ENS1: I2C Enable Control
Described elsewhere
Bit 5
STA: I2C Start flag
Described elsewhere
Bit 4
STO: I2C Stop flag
Described elsewhere
Bit 3
SI: I2C Interrupt Request flag
0: No request
1: Interrupt request
The SI bit is set by hardware when one of the 25 possible I2C states takes place. This bit
must be cleared using the application program.
Bit 2
AA: I2C Acknowledge Indication flag
Described elsewhere
Bit 1~0
Unimplemented, read as "0"
Interrupt Operation
A Timer Counter overflow, an active edge or level on the external interrupt pin, a comparator
output changes state or A/D conversion completion etc, will all generate an interrupt request by
setting their corresponding request flag. When this happens, if the interrupt enable bit is set, then
the Program Counter, which stores the address of the next instruction to be executed, will be
transferred onto the stack. The Program Counter will then be loaded with a new address which
will be the value of the corresponding interrupt vector. The microcontroller will begin then fetch
its next instruction from this interrupt vector. The instruction at this vector will jump to another
section of program which is known as the interrupt service routine. Here is located the code to
control the appropriate interrupt. The interrupt service routine must be terminated with a RETI
instruction, which retrieves the original Program Counter address from the stack and allows the
microcontroller to continue with normal execution at the point where the interrupt occurred.
The various interrupt enable bits, together with their associated request flags, are shown in the
following diagram with their order of priority. The interrupts are assigned into groups. Interrupts
with higher priority can stop lower priority ones. All interrupts are categorised into 19 groups and
4 priority levels, setup using the IP0 and IP1 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com