Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 103Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 104Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 105Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 106Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 107Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 108Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 109Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 110Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 226 page
background image
Rev. 1.00
107 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Interrupt Priority
In case of simultaneous requests, the following table shows the priority that is applied. The
interrupts can be assigned into groups. Higher priority interrupts can stop the lower priority
interrupts. All interrupts are categorised into 19 groups with 4 priority levels. In cases where
both higher priority and lower priority interrupts are enabled and where a higher priority and
lower priority interrupt occurs simultaneously, the higher priority interrupt will always have
priority and will therefore be serviced first. Suitable masking of the individual interrupts using the
interrupt registers can prevent simultaneous occurrences. Each interrupt source can be individually
programmed to one of four priority levels by setting or clearing bits in the interrupt priority
registers: IP0, IP1, IP2, IP3, IP0H, IP1H, IP2H and IP3H. IP0, IP1, IP2 and IP3 hold the low order
priority bits and IP0H, IP1H, IP2H and IP3H hold the high priority bits for each interrupt.
If the priority level is the same for different groups, then an internal polling sequence determines
which interrupt request is serviced. The polling sequence is based on the vector address; an
interrupt with a lower vector address has higher priority than an interrupt with a higher vector
address. Note that the polling sequence is only used to resolve interrupt requests of the same
priority level.
Priority Levels
The accompanying table illustrates the interrupt priority level assigned by the corresponding
IPnH.x and IPn.x bits (n=0~3).
IPnH.x
IPn.x
Priority Level
Note
1
1
Level �
Highest Priorit�
1
0
Level �
↓
0
1
Level 1
↓
0
0
Level 0
Lowest Priorit�
If the interrupt levels are assigned the same priority level by the IPnH.x and IPn.x bits, the interrupt
priority is followed by the accompanying table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com